Electronic Components Datasheet Search
  English  ▼

X  

TL432LI Datasheet(PDF) 11 Page - Texas Instruments

Part # TL432LI
Description  TL431LI / TL432LI Programmable Shunt Regulator with Optimized Reference Current
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL432LI Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL432LI Datasheet HTML 7Page - Texas Instruments TL432LI Datasheet HTML 8Page - Texas Instruments TL432LI Datasheet HTML 9Page - Texas Instruments TL432LI Datasheet HTML 10Page - Texas Instruments TL432LI Datasheet HTML 11Page - Texas Instruments TL432LI Datasheet HTML 12Page - Texas Instruments TL432LI Datasheet HTML 13Page - Texas Instruments TL432LI Datasheet HTML 14Page - Texas Instruments TL432LI Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
CATHODE
REF
ANODE
CATHODE
REF
ANODE
+
_
Vref
11
TL431LI
TL432LI
www.ti.com
SLVSDQ6A – JULY 2018 – REVISED NOVEMBER 2018
Product Folder Links: TL431LI TL432LI
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
This standard device has proven ubiquity and versatility across a wide range of applications, ranging from power
to signal path. This is due to its key components containing an accurate voltage reference and op amp, which
are very fundamental analog building blocks. TL43xLI is used in conjunction with it's key components to behave
as a single voltage reference, error amplifier, voltage clamp or comparator with integrated reference.
TL43xLI can be operated and adjusted to cathode voltages from 2.495V to 36V, making this part optimum for a
wide range of end equipments in industrial, auto, telecom and computing. In order for this device to behave as a
shunt regulator or error amplifier, >1mA (Imin(max)) must be supplied in to the cathode pin. Under this condition,
feedback can be applied from the Cathode and Ref pins to create a replica of the internal reference voltage.
Various reference voltage options can be purchased with initial tolerances (at 25°C) of 0.5%, and 1%. These
reference options are denoted by B (0.5%) and A (1.0%) after the TL431LI or TL432LI. TL431LI and TL432LI are
both functionally the same, but have separate pinout options.
The TL43xLIxC devices are characterized for operation from 0°C to 70°C, the TL43xLIxI devices are
characterized for operation from –40°C to 85°C, and the TL43xLIxQ devices are characterized for operation from
–40°C to 125°C.
9.2 Functional Block Diagram
Figure 18. Equivalent Schematic
Figure 19. Detailed Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com