Electronic Components Datasheet Search
  English  ▼

X  

TLC5973 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC5973
Description  TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet™)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5973 Datasheet(HTML) 2 Page - Texas Instruments

  TLC5973 Datasheet HTML 1Page - Texas Instruments TLC5973 Datasheet HTML 2Page - Texas Instruments TLC5973 Datasheet HTML 3Page - Texas Instruments TLC5973 Datasheet HTML 4Page - Texas Instruments TLC5973 Datasheet HTML 5Page - Texas Instruments TLC5973 Datasheet HTML 6Page - Texas Instruments TLC5973 Datasheet HTML 7Page - Texas Instruments TLC5973 Datasheet HTML 8Page - Texas Instruments TLC5973 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
TLC5973
SBVS225B – MARCH 2013 – REVISED MAY 2014
www.ti.com
Product Folder Links: TLC5973
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ..................................... 3
6.2
Handling Ratings....................................................... 3
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 6
6.7
Typical Characteristics .............................................. 6
7
Parameter Measurement Information .................. 7
7.1
Pin-Equivalent Input and Output Schematic
Diagrams.................................................................... 7
7.2
Test Circuits .............................................................. 7
7.3
Timing Diagrams ....................................................... 8
8
Detailed Description ............................................ 10
8.1
Overview ................................................................. 10
8.2
Functional Block Diagram ....................................... 11
8.3
Feature Description................................................. 11
8.4
Device Functional Modes........................................ 13
8.5
Programming........................................................... 19
8.6
Register Maps ......................................................... 21
9
Applications and Implementation ...................... 22
9.1
Application Information............................................ 22
9.2
Typical Applications ................................................ 22
10
Power Supply Recommendations ..................... 28
11
Layout................................................................... 28
11.1
Layout Guidelines ................................................. 28
11.2
Layout Example .................................................... 28
12
Device and Documentation Support ................. 29
12.1
Trademarks ........................................................... 29
12.2
Electrostatic Discharge Caution ............................ 29
12.3
Glossary ................................................................ 29
13
Mechanical, Packaging, and Orderable
Information ........................................................... 29
4 Revision History
Changes from Revision A (May 2013) to Revision B
Page
•
Changed format to meet latest data sheet standards; added Applications and Implementation, Power Supply
Recommendations, and Layout sections, moved existing sections ....................................................................................... 1
•
Changed 8-bit pulse width modulation to 12-bit pulse width modulation in Description section ........................................... 1
•
Changed tH0 and tH1 parameter units from µs to ns in Recommended Operating Conditions table ..................................... 4
•
Changed Figure 8: deleted top SDO, changed bottom SDO to OUTn ................................................................................. 7
•
Changed Figure 11: deleted extraneous breaks in traces, extraneous data call-outs, and tH1 on GSLAT trace,
changed data transfer trace note to Internal to 1st Device and 1st Data to 47th Data in 48-Bit Shift Register LSB trace.... 9
•
Changed functional block diagram: changed Upper 8 Bits to Upper 12 Bits on 48-Bit Shift Register block ....................... 11
•
Added Grayscale (GS) Control, EasySet and Shunt Regulator, and No Limit Cascading sections .................................... 11
•
Changed Connector Design title .......................................................................................................................................... 13
•
Changed Figure 13: changed OUTn traces GSDATA = 4093 and GSDATA = 4094 ......................................................... 15
•
Changed description of the Data ‘0’ and Data ‘1’ Write Sequence (Data Write Sequence) section ................................... 16
•
Changed title of Controlling Devices Connected in Series section ...................................................................................... 19
•
Changed Data 101 to Data 1010 in Figure 18 .................................................................................................................... 19
•
Changed eight MSBs to 12 MSBs in third sentence of the Register and Data Latch Configuration section ....................... 21
•
Changed Figure 21: corrected 3AAh bit set sequence ........................................................................................................ 21
•
Changed Figure 26: changed number of LEDs in optional dashed box .............................................................................. 26
•
Changed Table 7: changed all values in RVCC column and first and last values in Resistor Wattage column .................... 27
Changes from Original (March 2013) to Revision A
Page
•
Changed second paragraph of Grayscale (GS) Function (PWM Control) section............................................................... 13
•
Changed tCYCLE setting range in Data Transfer Rate (tCYCLE) Measurement Sequence section .......................................... 16
•
Updated Figure 18 ................................................................................................................................................................ 19
•
Updated Figure 21 and Table 3............................................................................................................................................ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com