Electronic Components Datasheet Search
  English  ▼

X  

TLC5973 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC5973
Description  TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet™)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5973 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC5973 Datasheet HTML 8Page - Texas Instruments TLC5973 Datasheet HTML 9Page - Texas Instruments TLC5973 Datasheet HTML 10Page - Texas Instruments TLC5973 Datasheet HTML 11Page - Texas Instruments TLC5973 Datasheet HTML 12Page - Texas Instruments TLC5973 Datasheet HTML 13Page - Texas Instruments TLC5973 Datasheet HTML 14Page - Texas Instruments TLC5973 Datasheet HTML 15Page - Texas Instruments TLC5973 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
R
(k ) =
IREF
W
I
OLC (mA)
V
IREF (V)
´ 43.4
12
TLC5973
SBVS225B – MARCH 2013 – REVISED MAY 2014
www.ti.com
Product Folder Links: TLC5973
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Feature Description (continued)
8.3.3
No Limit Cascading
This feature results in no limitation on the number of total cascaded devices used in series in an application. This
advantage is attained because a timing-adjusted pulse generator is implemented in the device.
8.3.4 Constant Sink Current Value
The output current value of each channel (IOLC) is programmed by a single resistor (RIREF) that is placed between
the IREF and GND pins. The current value can be calculated by Equation 1:
where:
•
VIREF = the internal reference voltage on IREF (typically 1.20 V), and
•
IOLC = 2 mA to 50 mA
(1)
IOLC is the current for each output. Each output sinks IOLC current when it is turned on. RIREF must be between
1 kΩ and 27 kΩ in order to hold IOLC between 50 mA (typ) and 1.93 mA (typ). Otherwise, the output may be
unstable. Refer to Figure 1 and Table 1 for the constant-current sink values for specific external resistor values.
Table 1. Constant-Current Output versus
External Resistor Value
IOLC (mA)
RIREF (kΩ, typ)
50
1.04
45
1.16
40
1.30
35
1.49
30
1.74
25
2.08
20
2.60
15
3.47
10
5.21
5
10.4
2
26.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com