Electronic Components Datasheet Search
  English  ▼

X  

TLC5973 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC5973
Description  TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet™)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5973 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5973 Datasheet HTML 7Page - Texas Instruments TLC5973 Datasheet HTML 8Page - Texas Instruments TLC5973 Datasheet HTML 9Page - Texas Instruments TLC5973 Datasheet HTML 10Page - Texas Instruments TLC5973 Datasheet HTML 11Page - Texas Instruments TLC5973 Datasheet HTML 12Page - Texas Instruments TLC5973 Datasheet HTML 13Page - Texas Instruments TLC5973 Datasheet HTML 14Page - Texas Instruments TLC5973 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Command
Decoder (3AAh)
Interface
Control
12
3
Upper 12 Bits
SDO
GND
48-Bit Shift Register
36-Bit GS Data Latch
GS Clock
Counter
3-Channel Constant Sink Current Driver
Switching Delay
LSB
MSB
0
47
LSB
MSB
0
35
VCC
SDI
36
OUT2
UVLO
Shunt
Regulator
reset
Internal
Oscillator
12-Bit PWM Timing Control
OUT0
OUT1
VCC
sin
sclk
12 MHz
3
Lower 36 Bits
IREF
reset
Pulse
Generator
reset
gslat
outen
11
TLC5973
www.ti.com
SBVS225B – MARCH 2013 – REVISED MAY 2014
Product Folder Links: TLC5973
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Grayscale (GS) Control
This control feature is a 12-bit (4096-step) grayscale (GS) control that provides a wide range of color generation.
68 billion colors can be generated with the red, green, and blue LEDs. Connect the LEDs to the device OUTn
pins, as described in the Applications and Implementation section.
8.3.2 EasySet and Shunt Regulator
This device includes a single-wire serial interface (EasySet) and a shunt regulator. The total number of wires for
power supply and data write operations can be reduced with the EasySet and shunt regulator included in the
design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com