Electronic Components Datasheet Search
  English  ▼

X  

TLC5973 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC5973
Description  TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet™)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5973 Datasheet(HTML) 4 Page - Texas Instruments

  TLC5973 Datasheet HTML 1Page - Texas Instruments TLC5973 Datasheet HTML 2Page - Texas Instruments TLC5973 Datasheet HTML 3Page - Texas Instruments TLC5973 Datasheet HTML 4Page - Texas Instruments TLC5973 Datasheet HTML 5Page - Texas Instruments TLC5973 Datasheet HTML 6Page - Texas Instruments TLC5973 Datasheet HTML 7Page - Texas Instruments TLC5973 Datasheet HTML 8Page - Texas Instruments TLC5973 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
TLC5973
SBVS225B – MARCH 2013 – REVISED MAY 2014
www.ti.com
Product Folder Links: TLC5973
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
DC CHARACTERISTICS
VCC
Supply voltage
No internal shunt regulator mode
3.0
5.0
5.5
V
Internal shunt regulator mode
6.0
V
VO
Voltage applied to output
OUT0 to OUT2
21
V
VIH
High-level input voltage
SDI
0.7 × VCC
VCC
V
VIL
Low-level input voltage
SDI
GND
0.3 × VCC
V
VIHYST
Input voltage hysteresis
SDI
0.2 × VCC
V
IOH
High-level output current
SDO
–2
mA
IOL
Low-level output current
SDO
2
mA
OUT0 to OUT2 (VCC
≤ 4.0 V)
2
35
mA
OUT0 to OUT2 (VCC > 4.0 V)
2
50
mA
IREG
Shunt regulator sink current
VCC
20
mA
TA
Operating free-air temperature range
–40
85
°C
TJ
Operating junction temperature range
–40
125
°C
AC CHARACTERISTICS
fCLK (SDI)
Data transfer rate
SDI
100
3000
kHz
tSDI
SDI input pulse duration
SDI
60
0.5 / fCLK
ns
tWH
Pulse duration, high
SDI
14
ns
tWL
Pulse duration, low
SDI
14
ns
tH0
Hold time: end of sequence (EOS)
SDI
↑ to SDI↑
3.5 / fCLK
5.5 / fCLK
ns
tH1
Hold time: data latch (GSLAT)
SDI
↑ to SDI↑
8 / fCLK
ns
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TLC5973
UNIT
D (SO)
8 PINS
RθJA
Junction-to-ambient thermal resistance
134.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
88.6
RθJB
Junction-to-board thermal resistance
75.3
ψJT
Junction-to-top characterization parameter
37.7
ψJB
Junction-to-board characterization parameter
74.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com