Electronic Components Datasheet Search
  English  ▼

X  

TLC5973 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC5973
Description  TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet™)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5973 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5973 Datasheet HTML 4Page - Texas Instruments TLC5973 Datasheet HTML 5Page - Texas Instruments TLC5973 Datasheet HTML 6Page - Texas Instruments TLC5973 Datasheet HTML 7Page - Texas Instruments TLC5973 Datasheet HTML 8Page - Texas Instruments TLC5973 Datasheet HTML 9Page - Texas Instruments TLC5973 Datasheet HTML 10Page - Texas Instruments TLC5973 Datasheet HTML 11Page - Texas Instruments TLC5973 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
90%
10%
V
OUTnH
V
OUTnL
V
OUTnH
V
OUTnL
50%
50%
t
D1
t , t ,
R1
F1
D1
t
OUTn
OUTn + 1
t
D1
t
F1
t
R1
90%
10%
t
R0
V
OH
V
OL
V
CC
GND
50%
50%
t
D0
t , t ,
R0
F0
D0
W 0
t , t
SDI
(1)
SDO
t
F0
t
W0
t
H0
H1
, t
50%
t
W H
t
W L
V
CC
GND
t
WH
W L
, t
SDI
(1)
SDI
(1)
t , t
H0
H1
50%
48th Data
1st Data of Next Device (t
case) or
1st Data of Next Sequence (t
case).
H0
H1
V
CC
GND
8
TLC5973
SBVS225B – MARCH 2013 – REVISED MAY 2014
www.ti.com
Product Folder Links: TLC5973
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
7.3 Timing Diagrams
(1)
Input pulse rise and fall time is 1 ns to 3 ns.
Figure 9. Input Timing
(1)
Input pulse rise and fall time is 1 ns to 3 ns.
Figure 10. Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com