Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFB Datasheet(PDF) 8 Page - Eaton All Rights Reserved.

Part # EGC2016AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFB Datasheet(HTML) 8 Page - Eaton All Rights Reserved.

Back Button EGC2016AFB Datasheet HTML 4Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 5Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 6Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 7Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 8Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 9Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 10Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 11Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 12Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
V9-T1-8
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Series G Motor Circuit Protector
Features
●
Instantaneous only protector
●
Designed for use in combination with motor starters
●
Adjustable to motor FLA
●
UL recognized component, File E7819 motor circuit protectors
Product Selection
Series G Motor Circuit Protectors
EG Frame—480 Vac, 600Y/347 Vac Maximum
Notes
1 Motor FLA ranges are typical. The corresponding trip setting is at 13 times the minimum FLA value shown. Where a 13 times setting is required for an intermediate FLA value,
alternate cam settings and/or MCP ratings should be used.
2 For DC applications, actual trip levels are approximately 40% higher than values shown.
3 Settings above 10 x In are for special applications, where the ampere rating of the disconnecting means cannot be less than 115% of the motor full load ampere rating.
Continuous
Amperes
Cam
Setting
Motor Full Load
Current Amperes 1
MCP Trip
Setting 2
MCP
Catalog Number
Continuous
Amperes
Cam
Setting
Motor Full Load
Current Amperes 1
MCP Trip
Setting 2
MCP
Catalog Number
3
A
0.69–0.91
9
HMCPE003A0C
50
A
11.5–15.2
150
HMCPE050K2C
B
1.1–1.3
15
B
19.2–22.9
250
C
1.6–1.7
21
C
26.9–30.6
350
D
2.0–2.2
27
D
34.6–38.3
450
E
2.3–2.5
30
E
38.4–42.1
500
F
2.6–2.8
33
F
42.2–43.5
550
7
A
1.5–2.0
21
HMCPE007C0C
70
A
16.1–30.6
210
HMCPE070M2C
B
2.6–3.1
35
B
26.9–32.2
350
C
3.7–3.9
49
C
37.6–42.9
490
D
4.8–5.2
63
D
48.4–53.7
630
E
5.3–5.7
70
E
53.8–59.1
700
F
5.8–6.1
77
F
59.2–60.9
770
15
A
3.4–4.5
45
HMCPE015E0C
100
A
23.0–30.6
300
HMCPE100R3C
B
5.7–6.8
75
B
38.4–46.0
500
C
8.0–9.1
105
C
53.8–61.4
700
D
10.4–11.4
135
D
69.2–76.8
900
E
11.5–12.6
150
E
76.9–84.5
1000
F
12.7–13.0
165
F
84.6–87.0
1100
30
A
3.9–9.1
90
HMCPE030H1C
100
A
38.4–46.0
500
HMCPE100T3C
B
11.5–13.7
150
B
57.6–65.2
750
C
16.1–18.3
210
C
76.9–84.5
1000
D
20.7–22.9
270
D
3
1250
E
23.0–25.2
300
E
3
1375
F
25.3–26.1
330
F
3
1500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com