Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFB Datasheet(PDF) 37 Page - Eaton All Rights Reserved.

Part # EGC2016AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFB Datasheet(HTML) 37 Page - Eaton All Rights Reserved.

Back Button EGC2016AFB Datasheet HTML 33Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 34Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 35Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 36Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 37Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 38Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 39Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 40Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 41Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-37
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Catalog Number Selection
Magnum ANSI/UL Low Voltage Power Breakers
Breaker Type
MD = Magnum DS
SB = Magnum
switchboard
Frame Type
S = Standard or double
N = Narrow
D = Double (MDDX only)
Interrupting/
Withstand Rating
4 = 42
5 = 50
6 = 65
8 = 85
C = 100
E = 150 (DSE)
X = 200 (DSX)
L = 200 (DSL)
Poles and Neutral
(Facing Front of Breaker)
3 = Three-pole
4 = Four-pole, neutral left
MD S 4 12 3 V E A 06 MU A W C H N E H K L A X
Continuous Amperes and
Phasing (Facing Front of
Breaker)
08 = 800 ABC
12 = 1200 ABC
16 = 1600 ABC
20 = 2000 ABC
25 = 2500 ABC
30 = 3000 ABC
32 = 3200 ABC or ABCABC
3N = 3200 AABBCC
4N = 4000 AABBCC
5N = 5000 AABBCC
6N = 6000 AABBCC
40 = 4000 ABCABC
50 = 5000 ABCABC
60 = 6000 ABCABC
Mounting Configuration
and Load Terminals
H = Fixed horizontal
V = Fixed vertical
L = Drawout (MDN)
W = Drawout (MDS)
Nameplate Language
E = English
A = Spanish
Current Limiter Selection
A =Non-DSL
(no limiter)
D =MA250
E =MA300
F =MA400
G =MA600
H = MA800
K = MB1200
L = MB1600
M = MB2000
N = MD2500
P = MD3000
Sensor and
Rating Plug Rating
NN = None
01 = 100
02 = 200
05 = 250
03 = 300
04 = 400
06 = 600
08 = 800
10 = 1000
12 = 1200
13 = 1250
16 = 1600
20 = 2000
25 = 2500
30 = 3000
32 = 3200
40 = 4000
50 = 5000
60 = 6000
Trip Unit and Protection
(and External Control
Voltage When Required)
NN = Non-automatic (no trip unit)
22
= 220 + LI
52
= 520 LSI
5G = 520 LSIG
M2 = 520M LSI
MT = 520M LSI (24/48 Vdc)
MU = 520M LSI (120 Vac)
MV = 520M LSI (240 Vac)
MQ = 520M LSI (125 Vac)
MG = 520M LSIG
MH = 520M LSIG (24/48 Vdc)
MM = 520M LSIG (120 Vac)
MN = 520 LSIG (240 Vac)
MX = 520M LSIG (125 Vac)
ME = 520M LSIA (24/48 Vdc)
MC = 520 LSIA (120 Vac)
MF = 520M LSIA (240 Vac)
MZ = 520M LSIA (125 Vac)
CT = 520MC LSI (24/48 Vdc)
CU = 520MC LSI (120 Vac)
CV = 520MC LSI (240 Vac)
CQ = 520MC LSI (125 Vac)
CH = 520MC LSIG (24/48 Vdc)
CM = 520MC LSIG (120 Vac)
CN = 520MC LSIG (240 Vac)
CX = 520MC LSIG (125 Vac)
CE = 520MC LSIA (24/48 Vdc)
CC = 520MC LSIA (120 Vac)
CF = 520MC LSIA (240 Vac)
CY = 520MC LSIA (125 Vac)
1A = 1150 LSI (24/48 Vdc)
1C = 1150 LSI (120 Vac)
1E = 1150 LSI (240 Vac)
1Q = 1150 LSI (125 Vac)
1F
= 1150 LSIG (24/48 Vdc)
1G = 1150 LSIG (120 Vac)
1H = 1150 LSIG (240 Vac)
1X = 1150 LSIG (125 Vac)
1J = 1150 LSIA (24/48 Vdc)
1K = 1150 LSIA (120 Vac)
1M = 1150 LSIA (240 Vac)
1Y = 1150 LSIA (125 Vac)
Shunt Trip (ST)
N = None
A = 110–127 Vac/Vdc
R = 208–240 Vac/Vdc
C = 24 Vdc
H = 48 Vdc
Motor Operator
M = Manual operated
N = 110–125 Vac
W = 110–125 Vdc
T = 220–250 Vdc
P = 220–240 Vac
L = 24 Vdc
K = 48 Vdc
Spring Release
Device (SRD)
N = None
A = 110–127 Vac/Vdc
R = 208–240 Vac/Vdc
C = 24 Vdc
H = 48 Vdc
Undervoltage
Release (UVR) or
2nd Shunt Trip (ST)
N = None
A = UVR (110–127 Vac)
R = UVR (208–240 Vac)
C = UVR (24 Vdc)
H = UVR (48 Vdc)
E = UVR (110–125 Vdc)
F = UVR (220–250 Vdc)
J = UVR (480 Vac)
K = UVR (600 Vac)
1 = 2nd ST (110–127 Vac/Vdc)
2 = 2nd ST (208–240 Vac/Vdc)
3 = 2nd ST (24 Vdc)
4 = 2nd ST (48 Vdc)
Bell Alarms Switch (OTS)
with 2a/2b Contacts and/or
Mechanical Trip Indicator
OTS 2a/2b
Trip Indicator
E =
N =
Y =
No OTS
No OTS
With OTS
No indicator
With indicator
With indicator
Auxiliary Switch
N = None
2 = 2A/2B
4 = 4A/4B
6 = 6A/6B
Padlock Provisions for Blocking
Close and/or Open ACB Manual
Pushbuttons
N = None
M = Metal (block close and open)
P = Plastic (block close and open)
C = Metal (block close only)
H = Plastic (block close only)
S = Metal swbd lock-off (block close,
depress open)
Operations Counter and/or
Keylock Provisions
Counter
Keylock
Provisions
N =
K =
C =
R =
A =
Y =
L =
H =
No counter
No counter
No counter
No counter
Counter
Counter
Counter
Counter
No lock
Kirk lock
Castell lock
Ronis lock
No lock
Kirk lock
Castell lock
Ronis lock
Latch Check Switch/Trip Unit
Metering Voltage Connection
for Digitrip 1150 Trip Unit
Latch Check
Switch
1150 Voltage
Connection
N =
M =
L =
Y =
C =
D =
None
None
LCS wired to SRD
LCS wired to SRD
LCS wired external
LCS wired external
Upper terminals
Lower terminals
Upper terminals
Lower terminals
Upper terminals
Lower terminals
Breaker Shipping Options
and Instructions
A = Fixed breaker alone with
door kit
F = Fixed breaker alone without
door kit
A = Drawout breaker alone
without door frame kit
C = Drawout breaker in cassette
(unwired)
P = Drawout breaker in cassette
(prewired)
S = Drawout breaker in cassette
(shutters)
W = Drawout breaker in cassette
(prewired and shutters)
Double frame drawout breakers
ship without cassette drawout.
ACBs ship in narrow and
universal cassettes only.
Frame Use
X = All breakers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com