Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFB Datasheet(PDF) 41 Page - Eaton All Rights Reserved.

Part # EGC2016AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFB Datasheet(HTML) 41 Page - Eaton All Rights Reserved.

Back Button EGC2016AFB Datasheet HTML 37Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 38Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 39Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 40Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 41Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 42Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 43Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 44Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 45Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-41
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Product Selection
Magnum DS Switchgear Class UL 1066 Low Voltage Power Circuit Breakers
Notes
1 Interrupting ratings shown based on breaker equipped with integral Digitrip RMS trip unit. Interruption ratings for non-automatic breakers are equal to the published short time current rating. These
interruption ratings are based on the standard duty cycle consisting of an open operation, a 15-second interval and a close-open operation, in succession, with delayed tripping in case of short-delay
devices. The standard duty cycle for short time ratings consists of maintaining the rated current for two periods of 1/2 seconds each, with a 15-second interval of zero current between the two periods.
2 See Page V9-T1-40 for selection of trip unit and accessories. See Page V9-T1-40 for cassette selection for drawout breakers.
3 Magnum MDSL current limiting power circuit breaker with integral current limiters. Current limiter selected determines short time and maximum instantaneous trip rating.
Maximum voltage rating is 600 Vac.
4 Product to be tested. Contact Eaton for product rating.
5 Magnum MDSX current limiting power circuit breaker with fast opening contacts.
6 Contact Eaton for availability.
7 Breaker applied in a tested fan-cooled enclosure.
Frame
Type
RMS Symmetrical Current Ratings kA 50/60 Hz 1
Short Time
Current Rating
Frame
Amperes
Interrupting at 254 Vac
Interrupting at 508 Vac
Interrupting at 635 Vac
Breaker Type 2
Narrow
42424242
800
MDN-408
50
50
50
50
MDN-508
65
65
65
65
MDN-608
100
100
65
20
MDN-C08
Standard
42
42
42
42
800
MDS-408
65
65
65
65
MDS-608
85
85
85
85
MDS-808
100
100
100
85
MDS-C08
200
200
200
—
MDS-L08 3
200
200
4
30
MDS-X08 56
Narrow
42424242
1600
MDN-416
50
50
50
50
MDN-516
65
65
65
65
MDN-616
100
100
65
30
MDN-C16
Standard
65
65
65
65
1600
MDS-616
85
85
85
85
MDS-816
100
100
100
85
MDS-C16
200
200
200
—
MDS-L16 3
200
200
4
30
MDS-X16 5
Narrow
65656565
2000
MDN-620
100
100
65
35
MDN-C20
Standard
65
65
65
65
2000
MDS-620
85
85
85
85
MDS-820
100
100
100
85
MDS-C20
200
200
200
—
MDS-L20 3
200
200
4
30
MDS-X20 5
65
65
65
65
3200
MDS-632
85
85
85
85
MDS-832
100
100
100
85
MDS-C32
Double
200
200
4
50
3200
MDS-X32 5
Double (N)
85
85
4
85
4000
MDN-840
100
100
4
100
MDN-C40
Double
85858585
4000
MDS-840
100
100
100
100
MDS-C40
200
200
4
50
MDS-X40 5
200
200
4
100
4000
MDD-X40
85
85
85
85
5000
MDS-850
100
100
100
100
MDS-C50
200
200
4
50
MDS-X50 57
200
200
4
100
MDD-X50
100
100
100
100
6000
MDS-C60 7
200
200
4
100
MDD-X60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com