Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFB Datasheet(PDF) 54 Page - Eaton All Rights Reserved.

Part # EGC2016AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFB Datasheet(HTML) 54 Page - Eaton All Rights Reserved.

Back Button EGC2016AFB Datasheet HTML 50Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 51Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 52Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 53Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 54Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 55Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 56Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 57Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 58Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
V9-T1-54
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.3
Circuit Protection
Rotary Disconnect Switches
Fusible 30–800A
Features
●
Load break functionality
●
Double break contacts
●
Up to 200 kA short-circuit rating with Class CC, J or L fuses
●
Compact footprints
●
Defeatable pistol handles automatically re-latch when the
panel door is closed
●
Front or right side operation
●
NFPA 79 compliant kits
●
Two-, three- and four-pole devices
R9 Series Fusible 30–800A
R9 Fusible 30A/CC and 30A/J (H Frame)—
Direct and External Operation
Product Identification
1 External front handles
2 Direct handle
3 Shaft extensions for external handles
4 Configurable U Type ACs, for pre-break and signaling or TEST
1
2
3
4
R9 Fusible 30A/J–800A/L (I–N Frames)—
Direct and External Operation
Product Identification
1 External front handles
2 External right side handle (not applicable for N Frame 600/800A)
3 Direct handle
4 Shaft extensions for external handles
5 Configurable U Type ACs, for pre-break and signaling or TEST
6 Side auxiliary contacts
7 Terminal shrouds
1
2
3
4
5
6
7
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com