Electronic Components Datasheet Search
  English  ▼

X  

EGC2016AFB Datasheet(PDF) 35 Page - Eaton All Rights Reserved.

Part # EGC2016AFB
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2016AFB Datasheet(HTML) 35 Page - Eaton All Rights Reserved.

Back Button EGC2016AFB Datasheet HTML 31Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 32Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 33Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 34Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 35Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 36Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 37Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 38Page - Eaton All Rights Reserved. EGC2016AFB Datasheet HTML 39Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-35
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Catalog Number Selection
Series NRX Cassettes
Product Selection
Series NRX Low Voltage Power Breakers
Notes
1 See Page V9-T1-34 for cassette selection for drawout breakers.
2 See selection above for accessories in positions 12–20.
Breaker
Frame
Industry
Standard
Fault Current
Rating (kAIC)
Frame Rating
in Amperes
Poles
Mounting
Trip Unit
Rating Plug
Part Number 2
N
UL 1066
42
800
3
Drawout 1
520 LSI (No ZSI)
800
NSS4083W528
N
UL 1066
42
800
4
Fixed
520 LSI (No ZSI)
800
NSS4084B528
N
UL 1066
50
800
3
Drawout 1
520 LSI (No ZSI)
800
NSS5083W528
N
UL 1066
50
800
4
Fixed
520 LSI (No ZSI)
800
NSS5084B528
N
UL 1066
65
800
3
Drawout 1
520 LSI (No ZSI)
800
NSS6083W528
N
UL 1066
65
800
3
Fixed
520 LSI (No ZSI)
800
NSS6083B528
N
UL 1066
65
800
4
Drawout 1
520 LSI (No ZSI)
800
NSS6084W528
N
UL 1066
65
800
4
Fixed
520 LSI (No ZSI)
800
NSS6084B528
N
UL 489
42
800
3
Drawout 1
520 LSI (No ZSI)
800
NXS4083W528
N
UL 489
42
1200
4
Drawout 1
520 LSI (No ZSI)
1200
NXS4124W52B
N
UL 489
50
800
3
Fixed
520 LSI (No ZSI)
800
NXS5083B528
N
UL 489
50
1200
4
Fixed
520 LSI (No ZSI)
1200
NXS5124B528
N
UL 489
65
800
3
Drawout 1
520 LSI (No ZSI)
800
NXS6083W528
N
UL 489
65
800
4
Fixed
520 LSI (No ZSI)
800
NSS6084B528
N
UL 489
65
1200
3
Drawout 1
520 LSI (No ZSI)
1200
NXS6123W52B
N
UL 489
65
1200
4
Fixed
520 LSI (No ZSI)
1200
NXS6124B52B
N
IEC
42
630
3
Drawout 1
520 LSI (No ZSI)
630
NES4073W527
N
IEC
42
1600
4
Drawout 1
520 LSI (No ZSI)
1600
NES4164W52D
N
IEC
50
630
3
Fixed
520 LSI (No ZSI)
630
NES5073B527
N
IEC
50
1600
4
Fixed
520 LSI (No ZSI)
1600
NES5164B52D
N
IEC
65
630
3
Drawout 1
520 LSI (No ZSI)
630
NES6073W527
N
IEC
65
800
4
Fixed
520 LSI (No ZSI)
800
NES6084B528
N
IEC
65
1250
3
Fixed
520 LSI (No ZSI)
1250
NES6133B52C
N
IEC
65
1600
4
Drawout 1
520 LSI (No ZSI)
1600
NES6164W52D
Poles and Phasing
(Facing Front of Breaker)
3 = Three-pole ABC
4 = Four-pole NABC
Continuous Ampere Range
08 = 800A (UL 1066)
12 = 800–1200A (UL 489)
16 = 630–1600A (IEC)
Arc Hood
A = Arc hood installed (default)
TOC Switches
(Truck Operated Cell)
N = Not included (default)
Cassette Family and Breaker Frame
NS = UL 1066 N Frame
NX = UL 489 N Frame
NE = IEC N Frame
Load Terminal Connections
F = With flat tapped pads only
G = With vertical/horizontal bus adapter kit (short style)
H = With front-connected kit
N = No cassette stabs (interunit only)
Future
N = None
Future
N = None
Cassette Shipping
C = Cassette only
B = Breaker shipped in cassette
Shutters
N = Not included (default)
S = Included
NX 12 3 F A B N S N N N C
Secondary Contact Terminals Installed
N = None
B = Breaker defined, when breaker ships in cassette
F = Full complement
C = Common options when cassette ships alone
Door Frame Gasket and Rejection Kits
B = Door kit included (default), with rejection kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com