Electronic Components Datasheet Search
  English  ▼

X  

TMP411CD Datasheet(PDF) 26 Page - Texas Instruments

Part # TMP411CD
Description  TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411CD Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMP411CD Datasheet HTML 22Page - Texas Instruments TMP411CD Datasheet HTML 23Page - Texas Instruments TMP411CD Datasheet HTML 24Page - Texas Instruments TMP411CD Datasheet HTML 25Page - Texas Instruments TMP411CD Datasheet HTML 26Page - Texas Instruments TMP411CD Datasheet HTML 27Page - Texas Instruments TMP411CD Datasheet HTML 28Page - Texas Instruments TMP411CD Datasheet HTML 29Page - Texas Instruments TMP411CD Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
26
TMP411
SBOS383D – DECEMBER 2006 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TMP411
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
The BUSY bit changes to 1 almost immediately (<< 100 µs) following power-up, as the TMP411 device begins the first temperature
conversion. The BUSY bit is high whenever the TMP411 device is converting a temperature reading.
The LHIGH and RHIGH bit values depend on the state of the AL or TH bit in the Configuration Register. If the AL
or TH bit is 0, the LHIGH bit reads as 1 if the local high limit was exceeded since the last clearing of the Status
Register. The RHIGH bit reads as 1 if the remote high limit was exceeded since the last clearing of the Status
Register. If the AL or TH bit is 1, the remote high limit and the local high limit implement a THERM2 function.
LHIGH reads as 1 if the local temperature has exceeded the local high limit and remains greater than the local
high limit, and less than the value in the Hysteresis Register.
The RHIGH bit reads as 1 if the remote temperature exceeds the remote high limit and remains greater than the
remote high limit, and less than the value in the Hysteresis Register.
The LLOW and RLOW bits are not effected by the AL or TH bit. The LLOW bit reads as 1 if the local low limit
was exceeded since the last clearing of the Status Register. The RLOW bit reads as 1 if the remote low limit was
exceeded since the last clearing of the Status Register.
The values of the LLOW, RLOW, and OPEN (as well as LHIGH and RHIGH when AL or TH is 0) are latched and
are read as 1 until the Status Register is read or a device reset occurs. These bits are cleared by reading the
Status Register, provided that the condition causing the flag to be set no longer exists. The values of BUSY,
LTHRM, and RTHRM (as well as LHIGH and RHIGH when ALERT or THERM2 is 1) are not latched and are not
cleared by reading the Status Register. The values indicate the current state, and are updated appropriately at
the end of the corresponding ADC conversion. Clearing the Status Register bits does not clear the state of the
ALERT pin. An SMBus alert response address command must clear the ALERT pin.
The TMP411 NORs LHIGH, LLOW, RHIGH, RLOW, and OPEN, so a status change for any of these flags from 0
to 1 automatically causes the ALERT pin to go low. (This only applies when the ALERT or THERM2 pin is
configured for ALERT mode).
Table 4. Status Register Format
STATUS REGISTER (READ = 02h, WRITE = NA)
Bit
Number
D7
D6
D5
D4
D3
D2
D1
D0
Bit Name
BUSY
LHIGH
LLOW
RHIGH
RLOW
OPEN
RTHRM
LTHRM
POR
Value
0 (1)
0
0
0
0
0
0
0
9.6.6 Configuration Register
The Configuration Register sets the temperature range, controls shutdown mode, and determines how the
ALERT and THERM2 pins function. The Configuration Register is set by writing to pointer address 09h and by
reading from pointer address 03h.
The MASK bit (bit 7) enables or disables the ALERT pin output if AL or TH = 0. If AL or TH = 1, then the MASK
bit has no effect. If MASK is set to 0, the ALERT pin goes low when one of the temperature measurement
channels exceeds the high or low limits for the selected number of consecutive conversions. If the MASK bit is
set to 1, the TMP411 retains the ALERT pin status, but the ALERT pin does not go low.
The shutdown (SD) bit (bit 6) enables or disables the temperature measurement circuitry. If SD = 0, the TMP411
converts continuously at the rate set in the conversion rate register. When SD is set to 1, the TMP411
immediately stops converting and enters shutdown mode. When SD is set to 0 again, the TMP411 resumes
continuous conversions. A single conversion starts by writing to the One-Shot Register when SD = 1.
The AL or TH bit (bit 5) controls if the ALERT pin functions in ALERT mode or THERM2 mode. If AL or TH = 0,
the ALERT pin operates as an interrupt pin. In this mode, the ALERT pin goes low after the set number of
consecutive out-of-limit temperature measurements occur.
If AL or TH = 1, the ALERT /THERM2 pin implements a THERM function (THERM2). In this mode, THERM2
functions similarly to the THERM pin, except that the local high limit and remote high limit registers are used for
the thresholds. THERM2 goes low when RHIGH or LHIGH is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com