Electronic Components Datasheet Search
  English  ▼

X  

TMP411CD Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP411CD
Description  TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411CD Datasheet(HTML) 3 Page - Texas Instruments

  TMP411CD Datasheet HTML 1Page - Texas Instruments TMP411CD Datasheet HTML 2Page - Texas Instruments TMP411CD Datasheet HTML 3Page - Texas Instruments TMP411CD Datasheet HTML 4Page - Texas Instruments TMP411CD Datasheet HTML 5Page - Texas Instruments TMP411CD Datasheet HTML 6Page - Texas Instruments TMP411CD Datasheet HTML 7Page - Texas Instruments TMP411CD Datasheet HTML 8Page - Texas Instruments TMP411CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
1
V+
8
SCL
2
D+
7
SDA
3
D±
6
ALERT/THERM2
4
THERM
5
GND
Not to scale
3
TMP411
www.ti.com
SBOS383D – DECEMBER 2006 – REVISED DECEMBER 2016
Product Folder Links: TMP411
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
I2C BINARY ADDRESS
I2C HEX ADDRESS
OFFSET REGISTERS
TMP411A
100 1100b
4Ch
No
TMP411B
100 1101b
4Dh
No
TMP411C
100 1110b
4Eh
No
TMP411E
100 1100b
4Ch
Yes
6 Pin Configuration and Functions
DGK and D Packages
8-Pin VSSOP, SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ALERT/
THERM2
6
Digital output
Alert (reconfigurable as second thermal flag), active low, open-drain; requires
pullup resistor to V+
D+
2
Analog input
Positive connection to remote temperature sensor
D–
3
Analog input
Negative connection to remote temperature sensor
GND
5
Ground
Ground
SCL
8
Digital input
Serial clock line for SMBus, open-drain; requires pull-up resistor to V+
SDA
7
Bidrectional digital
input-output
Serial data line for SMBus, open-drain; requires pull-up resistor to V+
THERM
4
Digital output
Thermal flag, active low, open-drain; requires pull-up resistor to V+
V+
1
Power supply
Positive supply (2.7 V to 5.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com