Electronic Components Datasheet Search
  English  ▼

X  

TMP411CD Datasheet(PDF) 32 Page - Texas Instruments

Part # TMP411CD
Description  TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411CD Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP411CD Datasheet HTML 28Page - Texas Instruments TMP411CD Datasheet HTML 29Page - Texas Instruments TMP411CD Datasheet HTML 30Page - Texas Instruments TMP411CD Datasheet HTML 31Page - Texas Instruments TMP411CD Datasheet HTML 32Page - Texas Instruments TMP411CD Datasheet HTML 33Page - Texas Instruments TMP411CD Datasheet HTML 34Page - Texas Instruments TMP411CD Datasheet HTML 35Page - Texas Instruments TMP411CD Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
ERR
ERR
1.004 1.008
T
273.15 100 C
1.008
T
1.48 C
§
· u
¨
¸
©
¹
°
°
ERR
n 1.008
T
273.15
T( C)
1.008
§
· u
¨
¸
©
¹
°
32
TMP411
SBOS383D – DECEMBER 2006 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TMP411
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The TMP411 only requires a transistor connected between the D+ and D– pins for remote temperature
measurement. Tie the D+ pin to D– if the remote channel is not used and only the local temperature is
measured. The SDA, ALERT and THERM pins (and SCL, if driven by an open-drain output) require pullup
resistors as part of the communication bus. TI recommends using a 0.1-µF power-supply decoupling capacitor
for local bypassing. Figure 11 illustrates the typical configurations for the TMP411.
10.2 Typical Application
10.2.1 Design Requirements
The TMP411 is designed to be used with discrete transistors or substrate transistors built into processor chips
and ASICs. NPN or PNP transistors can be used, as long as the base-emitter junction is the remote temperature
sensor. A transistor or diode connection can be used, as shown in Figure 11.
Errors in remote temperature sensor readings are the result of the ideality factor and current excitation from the
TMP411 versus the manufacturer-specified operating current for a given transistor. Some manufacturers specify
a high-level and low-level current for the temperature-sensing substrate transistors. The TMP411 has an ILOW
value of 6 μA, and an IHIGH value of 120 μA. The TMP411 allows for different n-factor values, as shown in
Table 8.
The ideality factor (n) is a measured characteristic of a remote temperature sensor diode compared to an ideal
diode. The ideality factor reduces to a value of 1.008. For transistors with an ideality factor that does not match
the TMP411, Equation 4 calculates the temperature error. Note that the actual temperature (°C) must be
converted to Kelvin (°K) for the equation to yield the correct results.
where:
•
n = the ideality factor of the remote temperature sensor
•
T(°C) = actual temperature
•
TERR = device reading error due to n ≠ 1.008
•
Degree delta is the same for °C and °K
(4)
For n = 1.004 and T(°C) = 100°C, use Equation 5:
(5)
If a discrete transistor is used as the remote temperature sensor, selecting the transistor according to the
following criteria results in the best accuracy.
1. Base-emitter voltage > 0.25 V at 6 µA, at the highest sensed temperature.
2. Base-emitter voltage < 0.95 V at 120 µA, at the lowest sensed temperature.
3. Base resistance < 100 Ω
4. Tight control of VBE characteristics indicated by small variations in hFE (that is, 50 to 150).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com