Electronic Components Datasheet Search
  English  ▼

X  

TMP411CD Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP411CD
Description  TMP411 ±1°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411CD Datasheet(HTML) 5 Page - Texas Instruments

  TMP411CD Datasheet HTML 1Page - Texas Instruments TMP411CD Datasheet HTML 2Page - Texas Instruments TMP411CD Datasheet HTML 3Page - Texas Instruments TMP411CD Datasheet HTML 4Page - Texas Instruments TMP411CD Datasheet HTML 5Page - Texas Instruments TMP411CD Datasheet HTML 6Page - Texas Instruments TMP411CD Datasheet HTML 7Page - Texas Instruments TMP411CD Datasheet HTML 8Page - Texas Instruments TMP411CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5
TMP411
www.ti.com
SBOS383D – DECEMBER 2006 – REVISED DECEMBER 2016
Product Folder Links: TMP411
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
Tested with less than 5-Ω effective series resistance and 100-pF differential input capacitance. TA is the ambient temperature of the
TMP411. TDIODE is the temperature at the remote diode sensor.
7.5 Electrical Characteristics
at TA = –40°C to +125°C and VS = 2.7 V to 5.5 V, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE ERROR
TERROR(LOCAL)
Local temperature sensor
TA = –40°C to 125°C
–2.5
±1.25
2.5
°C
TA= 15°C to 85°C
VS = 3.3 V
–1
±0.25
1
°C
TERROR(REMOTE)
Remote temperature sensor(1)
TA = 15°C to 75°C
TDIODE = –40°C to 150°C
VS = 3.3 V
–1
±0.0625
1
°C
TA = –40°C to 100°C
TDIODE = –40°C to 150°C
VS = 3.3 V
–3
±1
3
°C
TA = –40°C to 125°C
TDIODE = –40°C to 150°C
VS = 3.3 V
–5
±3
5
°C
TERROR_PS
Temperature error power supply sensitivity (local and
remote)
VS = 2.7 V to 5.5 V
TDIODE = –40°C to 150°C
–0.5
±0.2
0.5
°C/V
TEMPERATURE MEASUREMENT
Conversion time (per channel)
One-shot mode
105
115
125
ms
Resolution
Local temperature sensor
(programmable)
9
12
Bits
Remote temperature sensor
12
Bits
Remote sensor source
currents
High
Series resistance: 3 kΩ maximum
120
µA
Medium high
60
µA
Medium low
12
µA
Low
6
µA
η
Remote transistor ideality factor
Optimized ideality factor
1.008
SMBUS INTERFACE
VIH
Logic input high voltage (SCL, SDA)
2.1
V
VIL
Logic input low voltage (SCL, SDA)
0.8
V
Hysteresis
500
mV
SMBus output low sink current
6
mA
Logic input current
–1
1
µA
SMBus input capacitance (SCL, SDA)
3
pF
SMBus clock frequency
3.4
MHz
SMBus timeout
25
30
35
ms
SCL falling edge to SDA valid time
1
µs
DIGITAL OUTPUTS
VOL
Output low voltage
IOUT = 6 mA
0.15
0.4
V
IOH
High-level output leakage current
VOUT = Vs
0.1
1
µA
ALERT or THERM2 output low sink current
ALERT/THERM2 forced to 0.4 V
6
mA
THERM output low sink current
THERM forced to 0.4 V
6
mA
POWER SUPPLY
VS
Specified voltage range
2.7
5.5
V
IQ
Quiescent current
0.0625 conversions per second
VS = 3.3 V
28
30
µA
Eight conversions per second
VS = 3.3 V
400
475
µA
Serial bus inactive, shutdown mode
3
10
µA
Serial bus active, fS = 40 kHz,
shutdown mode
90
µA
Serial bus active, fS = 3.4 MHz,
shutdown mode
350
µA
Undervoltage lockout
2.3
2.4
2.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com