Electronic Components Datasheet Search
  English  ▼

X  

TPD12S521 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPD12S521
Description  TPD12S521 Single-Chip HDMI Transmitter Port Protection and Interface Device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD12S521 Datasheet(HTML) 3 Page - Texas Instruments

  TPD12S521 Datasheet HTML 1Page - Texas Instruments TPD12S521 Datasheet HTML 2Page - Texas Instruments TPD12S521 Datasheet HTML 3Page - Texas Instruments TPD12S521 Datasheet HTML 4Page - Texas Instruments TPD12S521 Datasheet HTML 5Page - Texas Instruments TPD12S521 Datasheet HTML 6Page - Texas Instruments TPD12S521 Datasheet HTML 7Page - Texas Instruments TPD12S521 Datasheet HTML 8Page - Texas Instruments TPD12S521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
5V_SUPPLY
LV_SUPPLY
GND
TMDS_D2+
TMDS_GND
TMDS_D2–
TMDS_D1+
TMDS_GND
TMDS_D1–
TMDS_D0+
TMDS_GND
TMDS_D0–
TMDS_CK+
TMDS_GND
TMDS_CK–
CE_REMOTE_IN
DDC_CLK_IN
DDC_DAT_IN
HOTPLUG_DET_IN
5V_OUT
ESD_BYP
GND
TMDS_D2+
TMDS_GND
TMDS_D2–
TMDS_D1+
TMDS_GND
TMDS_D1–
TMDS_D0+
TMDS_GND
TMDS_D0–
TMDS_CK+
TMDS_GND
TMDS_CK–
CE_REMOTE_OUT
DDC_CLK_OUT
DDC_DAT_OUT
HOTPLUG_DET_OUT
DBT PACKAGE
(TOP VIEW)
3
TPD12S521
www.ti.com
SLVS639F – OCTOBER 2007 – REVISED FEBRUARY 2016
Product Folder Links: TPD12S521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
(1)
Human-Body Model (HBM) per MIL-STD-833, Method 3015, CDISCHARGE = 100 pF, RDISCHARGE = 1.5 kΩ, 5V_SUPPLY and
LV_SUPPLY within recommended operating conitions, GND = 0 V, and ESD_BYP (pin 37) and HOTPLUG_DET_OUT (pin 20) each
bypassed with a 0.1-µF ceramic capacitor connnected to GND.
(2)
Standard IEC 61000-4-2, CDISCHARGE = 150 pF, RDISCHARGE = 330 Ω, 5V_SUPPLY and LV_SUPPLY within recommended operating
conditions, GND = 0 V, and ESD_BYP (pin 37) and HOTPLUG_DET_OUT (pin 20) each bypassed with a 0.1-µF ceramic capacitor
connected to GND.
(3)
These two pins must be connected together inline on the PCB.
(4)
This output can be connected to an external 0.1-µF ceramic capacitor, resulting in an increased ESD withstand voltage rating.
Pin Functions
PIN
TYPE
ESD
DESCRIPTION
NAME
NO.
5V_SUPPLY
1
PWR
2 kV(1)
Current source for 5V_OUT.
LV_SUPPLY
2
Bias for CE/DDC/HOTPLUG level shifters.
GND, TMDS_GND
3, 5, 8, 11,14, 25,
28, 31, 34, 36
GND
NA
TMDS ESD and parasitic GND return.
TMDS_D2+
4, 35
ESD clamp
8 kV(2)
TMDS 0.8-pF ESD protection.(3)
TMDS_D2–
6, 33
TMDS_D1+
7, 32
TMDS_D1–
9, 30
TMDS_D0+
10, 29
TMDS_D0–
12, 27
TMDS_CK+
13, 26
TMDS_CK–
15, 24
CE_REMOTE_IN
16
IO
2 kV(1)
LV_SUPPLY referenced logic level into ASIC.
DDC_CLK_IN
17
DDC_DAT_IN
18
HOTPLUG_DET_IN
19
HOTPLUG_DET_OUT
20
IO, ESD clamp
8 kV(2)
5 V_SUPPLY referenced logic level out, plus 3.5-pF ESD(4) to
connector.
DDC_DAT_OUT
21
5 V_SUPPLY referenced logic level out, plus 3.5-pF ESD to
connector.
DDC_CLK_OUT
22
CE_REMOTE_OUT
23
IO, ESD clamp
8 kV(2)
3.3-V_SUPPLY referenced logic level out, plus 3.5-pF ESD to
connector.
ESD_BYP
37
ESD Bypass
2 kV(1)
ESD bypass. This pin must be connected to a 0.1-µF ceramic
capacitor.
5V_OUT
38
PWR
2 kV(1)
5-V regulator output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com