Electronic Components Datasheet Search
  English  ▼

X  

TPD12S521 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPD12S521
Description  TPD12S521 Single-Chip HDMI Transmitter Port Protection and Interface Device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD12S521 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD12S521 Datasheet HTML 3Page - Texas Instruments TPD12S521 Datasheet HTML 4Page - Texas Instruments TPD12S521 Datasheet HTML 5Page - Texas Instruments TPD12S521 Datasheet HTML 6Page - Texas Instruments TPD12S521 Datasheet HTML 7Page - Texas Instruments TPD12S521 Datasheet HTML 8Page - Texas Instruments TPD12S521 Datasheet HTML 9Page - Texas Instruments TPD12S521 Datasheet HTML 10Page - Texas Instruments TPD12S521 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TMDS_D2+
TMDS_GND
TMDS_D2–
TMDS_D1+
TMDS_GND
TMDS_D1–
TMDS_D0+
TMDS_GND
TMDS_D0–
TMDS_CK+
TMDS_GND
TMDS_CK–
5V_SUPPLY
DDC_DAT_OUT
HOTPLUG_DET_OUT
ESD_BYP
LV Supply
LV Supply
CE_REMOTE_IN
CE_REMOTE_OUT
DDC_DAT_IN
LV Supply
LV Supply
DDC_CLK_IN
DDC_CLK_OUT
HOTPLUG_DET_IN
55-mA
Overcurrent
Switch
5V_OUT
5V_SUPPLY
7
TPD12S521
www.ti.com
SLVS639F – OCTOBER 2007 – REVISED FEBRUARY 2016
Product Folder Links: TPD12S521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPD12S521 is a single-chip ESD solution for the HDMI transmitter port. In many cases the core ICs, such
as the scalar chipset, may not have robust ESD cells to sustain system-level ESD strikes. In these cases, the
TPD12S521 provides the desired system-level ESD protection, such as the IEC61000-4-2 (Level 4) ESD, by
absorbing the energy associated with the ESD strike.
While providing the ESD protection, the TPD12S521 adds little or no additional glitch in the high-speed
differential signals (see Figure 5 and Figure 6). The high-speed TMDS lines add only 0.8-pF capacitance to the
lines. In addition, the monolithic integrated circuit technology ensures that there is excellent matching between
the two-signal pair of the differential line. This is a direct advantage over discrete ESD clamp solutions where
variations between two different ESD clamps may significantly degrade the differential signal quality.
The low-speed control lines offer voltage-level shifting to eliminate the need for an external voltage level-shifter
IC. The control line ESD clamps add 3.5-pF capacitance to the control lines. The 38-pin DBT package offers a
seamless layout routing option to eliminate the routing glitch for the differential signal pairs.
The TPD12S521 provides an on-chip regulator with current output ratings of 55 mA at pin 38. This current
enables HDMI receiver detection even when the receiver device is powered off. DBT package pitch (0.5 mm)
matches with HDMI connector pitch. In addition, pin mapping follows the same order as the HDMI connector pin
mapping.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com