Electronic Components Datasheet Search
  English  ▼

X  

TPD12S521 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPD12S521
Description  TPD12S521 Single-Chip HDMI Transmitter Port Protection and Interface Device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD12S521 Datasheet(HTML) 5 Page - Texas Instruments

  TPD12S521 Datasheet HTML 1Page - Texas Instruments TPD12S521 Datasheet HTML 2Page - Texas Instruments TPD12S521 Datasheet HTML 3Page - Texas Instruments TPD12S521 Datasheet HTML 4Page - Texas Instruments TPD12S521 Datasheet HTML 5Page - Texas Instruments TPD12S521 Datasheet HTML 6Page - Texas Instruments TPD12S521 Datasheet HTML 7Page - Texas Instruments TPD12S521 Datasheet HTML 8Page - Texas Instruments TPD12S521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
TPD12S521
www.ti.com
SLVS639F – OCTOBER 2007 – REVISED FEBRUARY 2016
Product Folder Links: TPD12S521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
This parameter is specified by design and verified by device characterization
(2)
Human-Body Model (HBM) per MIL-STD-883, Method 3015, CDISCHARGE = 100 pF, RDISCHARGE = 1.5 kΩ
(3)
These measurements performed with no external capacitor on ESD_BYP.
(4)
Intrapair matching, each TMDS pair (i.e., D+, D–)
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC5
Operating supply
current
5V_SUPPLY = 5 V
110
130
µA
ICC3
Bias supply current
LV_SUPPLY = 3.3 V
1
5
µA
VDROP
5V_OUT overcurrent
output drop
5V_SUPPLY = 5 V, IOUT = 55 mA
150
200
mV
ISC
5V_OUT short-circuit
current limit
5V_SUPPLY= 5 V, 5V_OUT = GND
90
135
175
mA
IOFF
OFF-state leakage
current, level-shifting
NFET
LV_SUPPLY = 0 V
0.1
5
µA
IBACK
DRIVE
Current conducted
from output pins to
V_SUPPLY rails when
powered down
5V_SUPPLY < VCH_OUT
TMDS_D[2:0]+/–,
TMDS_CK+/–,
CE_REMOTE_OUT,
DDC_DAT_OUT,
DDC_CLK_OUT,
HOTPLUG_DET_OUT
0.1
5
µA
VON
Voltage drop across
level-shifting NFET
when ON
LV_SUPPLY = 2.5 V, VS = GND, IDS = 3 mA
75
95
140
mV
VF
Diode forward voltage
IF = 8 mA,
Top diode
0.85
V
TA = 25°C
(1)
Bottom diode
0.85
VCL
Channel clamp
voltage at ±8 kV HBM
ESD
TA = 25°C(1)(2)
Positive transients
9
V
Negative transients
-9
RDYN
Dynamic resistance
I = 1 A, TA = 25°C
(3)
Positive transients
3
Ω
Negative transients
1.5
ILEAK
TMDS channel
leakage current
TA = 25°C
(1)
0.01
1
µA
CIN,
TMDS
TMDS channel input
capacitance
5V_SUPPLY= 5 V, Measured at 1 MHz,
VBIAS = 2.5 V
(1)
0.8
1.0
pF
ΔCIN,
TMDS
TMDS channel input
capacitance matching
5V_SUPPLY= 5 V, Measured at 1 MHz,
VBIAS = 2.5 V
(1) (4)
0.05
pF
CMUTUAL
Mutual capacitance
between signal pin
and adjacent signal
pin
5V_SUPPLY= 0 V, Measured at 1 MHz,
VBIAS = 2.5 V
(1)
0.07
pF
CIN
Level-shifting input
capacitance,
capacitance to GND
5V_SUPPLY= 0 V, Measured at 100 KHz,
VBIAS = 2.5 V
(1)
DDC
3.5
4
pF
CEC
3.5
4
HP
3.5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com