Electronic Components Datasheet Search
  English  ▼

X  

TPD12S521 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPD12S521
Description  TPD12S521 Single-Chip HDMI Transmitter Port Protection and Interface Device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD12S521 Datasheet(HTML) 1 Page - Texas Instruments

  TPD12S521 Datasheet HTML 1Page - Texas Instruments TPD12S521 Datasheet HTML 2Page - Texas Instruments TPD12S521 Datasheet HTML 3Page - Texas Instruments TPD12S521 Datasheet HTML 4Page - Texas Instruments TPD12S521 Datasheet HTML 5Page - Texas Instruments TPD12S521 Datasheet HTML 6Page - Texas Instruments TPD12S521 Datasheet HTML 7Page - Texas Instruments TPD12S521 Datasheet HTML 8Page - Texas Instruments TPD12S521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
VLV
5 V
27 kO
1.7 kO
TPD12S521
47 kO
(x 3)
100 kO
10 kO
1.7 kO
TMDS LINES
TMDS LINES
HDMI
Transmitter
TPD12S521
HDMI
Connector
10 kO
0.1 …F
CEC
DCLK
DDAT
HPD
CEC
DCLK
DDAT
HPD
5 V
CEC_IN
DCLK_IN
DDAT_IN
HPD_IN
CEC_OUT
DCLK_OUT
DDAT_OUT
HPD_OUT
5V_OUT
ESD_BYP
5V_SUPPLY
LV_SUPPLY
NC
0.1 …F
0.1 …F
0.1 …F
3.3 V
5 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPD12S521
SLVS639F – OCTOBER 2007 – REVISED FEBRUARY 2016
TPD12S521 Single-Chip HDMI Transmitter Port Protection and Interface Device
1
1 Features
1
•
IEC 61000-4-2 Level 4 ESD Protection
–
±8-kV Contact Discharge on External Lines
•
Single-Chip ESD Solution for HDMI Driver
•
On-Chip Current Regulator with 55-mA Current
Output
•
Supports All HDMI 1.3 and HDMI 1.4b Data Rates
(–3 dB Frequency > 3 GHz)
•
0.8-pF Capacitance for the High Speed TMDS
Lines
•
0.05-pF Matching Capacitance Between the
Differential Signal Pair
•
38-Pin TSSOP Provides Seamless Layout Option
with HDMI Connector
•
Backdrive Protection
–
TMDS_D[2:0]+/–
–
TMDS_CK+/–
–
CE_REMOTE_OUT
–
DDC_DAT_OUT
–
DDC_CLK_OUT
–
HOTPLUG_DET_OUT
•
Lead-Free Package
2 Applications
•
PCs
•
Consumer Electronics
•
Set-Top Boxes
•
DVD Players
3 Description
The
TPD12S521
is
a
single-chip
electro-static
discharge (ESD) circuit protection device for the high-
definition multimedia interface (HDMI) transmitter
port. While providing ESD protection with transient
voltage suppression (TVS) diodes, the TVS protection
adds little or no additional glitch in the high-speed
differential
signals.
The
high-speed
transition
minimized
differential
signaling
(TMDS)
ESD
protection lines add only 0.8-pF capacitance.
The low-speed control lines offer voltage-level shifting
to eliminate the need for an external voltage level-
shifter IC. The control line TVS diodes add 3.5-pF
capacitance to the control lines. The 38-pin DBT
package offers a seamless layout routing option to
eliminate the routing glitch for the differential signal
pairs. The DBT package pitch (0.5 mm) matches with
the HDMI connector pitch. In addition, the pin
mapping follows the same order as the HDMI
connector pin mapping. The TPD12S521 provides an
on-chip current limiting switch with output ratings of
55 mA at pin 38. This enables HDMI receiver
detection even when the receiver device is powered
off.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPD12S521
TSSOP (38)
6.40 mm × 9.70 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Circuit Protection Scheme


Similar Part No. - TPD12S521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521 Datasheet
670Kb / 12P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521 Datasheet
679Kb / 12P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521 Datasheet
469Kb / 12P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521DBTR TI-TPD12S521DBTR Datasheet
621Kb / 8P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
More results

Similar Description - TPD12S521

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
Texas Instruments
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2030 CALMIRCO-CM2030 Datasheet
585Kb / 14P
HDMI Transmitter Port Protection and Interface Device
logo
Texas Instruments
TPD12S521 TI-TPD12S521_08 Datasheet
670Kb / 12P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
CM2020-01TR ONSEMI-CM2020-01TR Datasheet
384Kb / 12P
HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
logo
Texas Instruments
TPD12S521 TI1-TPD12S521_14 Datasheet
469Kb / 12P
SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
Single-Chip HDMI Transmitter Port Protection and Interface Device
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com