Electronic Components Datasheet Search
  English  ▼

X  

TPD12S521 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPD12S521
Description  TPD12S521 Single-Chip HDMI Transmitter Port Protection and Interface Device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD12S521 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPD12S521 Datasheet HTML 4Page - Texas Instruments TPD12S521 Datasheet HTML 5Page - Texas Instruments TPD12S521 Datasheet HTML 6Page - Texas Instruments TPD12S521 Datasheet HTML 7Page - Texas Instruments TPD12S521 Datasheet HTML 8Page - Texas Instruments TPD12S521 Datasheet HTML 9Page - Texas Instruments TPD12S521 Datasheet HTML 10Page - Texas Instruments TPD12S521 Datasheet HTML 11Page - Texas Instruments TPD12S521 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
TPD12S521
SLVS639F – OCTOBER 2007 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPD12S521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Single-Chip ESD Solution for HDMI Driver
TPD12S521 provides a complete ESD protection scheme for an HDMI 1.4 compliant port. The monolithic
integrated circuit technology ensures that there is excellent matching between the two-signal pair of the
differential line. This is a direct advantage over discrete ESD clamp solutions where variations between two
different ESD clamps may significantly degrade the differential signal quality. The 38-pin DBT package offers a
seamless layout routing option to eliminate the routing glitch for the differential signal pair.
8.3.2 Supports All HDMI 1.3 and HDMI 1.4b Data Rates
The high-speed TMDS pins of the TPD12S521 add only 0.8 pF of capacitance to the TMDS lines. Excellent intra-
pair capacitance matching of 0.05 pF provides ultra low intra-pair skew. Insertion loss -3 dB point > 3 GHz
provides enough bandwidth to pass all HDMI 1.4b TMDS data rates.
8.3.3 Integrated Level Shifting for the Control Lines
The low-speed control lines offer voltage-level shifting to eliminate the need for an external voltage level-shifter
IC. The control line ESD clamps add 3.5-pF capacitance to the control lines.
8.3.4 ±8-kV Contact ESD Protection on External Lines
In many cases, the core ICs, such as the scalar chipset, may not have robust ESD cells to sustain system-level
ESD strikes. In these cases, the TPD12S521 provides the desired system-level ESD protection, such as the the
IEC61000-4-2 (Level 4) ESD, by absorbing the energy associated with the ESD strike.
8.3.5 38-Pin TSSOP Provides Seamless Layout Option With HDMI Connector
The 38-pin DBT package offers seamless layout routing option to eliminate the routing glitch for the differential
signal pair. DBT package pitch (0.5 mm) matches with HDMI connector pitch. In addition, pin mapping follows the
same order as the HDMI connector pin mapping. This HDMI receiver port protection and interface device is
specifically designed for next-generation HDMI transmitter protection.
8.3.6 Backdrive Protection
Backdrive protection is offered on the following pins: TMDS_D[2:0]+/–, TMDS_CK+/–, CE_REMOTE_OUT,
DDC_DAT_OUT, DDC_CLK_OUT, HOTPLUG_DET_OUT.
8.3.7 Lead-Free Package
Lead-Free Package for RoHS Compliance.
8.3.8 On-Chip Current Regulator With 55-mA Current Output
The TPD12S521 provides an on-chip regulator with current output ratings of 55 mA at pin 38. This current
enables HDMI receiver detection even when the receiver device is powered off.
8.4 Device Functional Modes
TPD12S521 is active with the conditions in the Recommended Operating Conditions met. The bi-directional
voltage-level translators provide non-inverting level shifting from VLV on the system side to either 5V (for SDA ,
SCL, HPD), or 3.3 V (for CEC) on the connector side. Each connector side pin has an ESD clamp that triggers
when voltages are above VBR or below the lower diode's Vf. During ESD events, voltages as high as ±8-kV
(contact ESD) can be directed to ground via the internal diode network. Once the voltages on the protected line
fall below these trigger levels (usually within 10's of nano-seconds), these pins revert to a non-conductive state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com