Electronic Components Datasheet Search
  English  ▼

X  

T0931003003 Datasheet(PDF) 31 Page - TE Connectivity Ltd

Part # T0931003003
Description  General Overview of Heavy Duty Connectors
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T0931003003 Datasheet(HTML) 31 Page - TE Connectivity Ltd

Back Button T0931003003 Datasheet HTML 27Page - TE Connectivity Ltd T0931003003 Datasheet HTML 28Page - TE Connectivity Ltd T0931003003 Datasheet HTML 29Page - TE Connectivity Ltd T0931003003 Datasheet HTML 30Page - TE Connectivity Ltd T0931003003 Datasheet HTML 31Page - TE Connectivity Ltd T0931003003 Datasheet HTML 32Page - TE Connectivity Ltd T0931003003 Datasheet HTML 33Page - TE Connectivity Ltd T0931003003 Datasheet HTML 34Page - TE Connectivity Ltd T0931003003 Datasheet HTML 35Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
INDUSTRIAL /// HEAVY DUTY CONNECTORS
31
TE Connectivity‘s Heavy Duty Connectors
Modular Inserts
HMN Series
HMN SERIES INSERTS CAN MATCH THE HA SERIES HOODS AND HOUSINGS. SEE PAGE 32 TO 34.
Pneu-c ø1.6
Pneu-c ø3.0
Pneu-c ø4.0
Pneu-c ø6.0
Type
PN
Type
PN
Type
PN
Type
PN
Pneu-c ø1.6 T2090002101-001
Pneu-c ø3.0 T2090002101-002
Pneu-c ø4.0 T2090002101-003
Pneu-c ø6.0 T2090002101-004
Pneu-c ø1.6 T2090002201-001
Pneu-c ø3.0 T2090002201-002
Pneu-c ø4.0 T2090002201-003
Pneu-c ø6.0 T2090002201-004
25-pos
2 & 3-pos
Quintax 1 2-pos
Quintax 4 2-pos
Crimp Terminal
(Order crimp contacts separately)
Crimp Terminal
(Order crimp contacts separately)
Crimp Terminal
(Order crimp contacts separately)
Crimp Terminal
(Order crimp contacts separately)
Type
PN
Type
PN
Type
PN
Type
PN
Male (M)
HMN-025-M T2111252101-000 Male (M)
HMN-PA2
T2111022301-000
Male (M) HMN-Q1-M T2111027101-000
Male (M) HMN-Q2 -M T2111027101-001
Female
(F)
HMN-025-F T2111252201-000 Female
(F)
HMN-PA3
T2111032301-000
Female
(F)
HMN-Q1-F T2111027201-000 Female
(F)
HMN-Q2-F
T2111027201-001
Tech
Data
Rated current: 5A
Rated voltage: 50V
Wiregauge: 0.08-0.52mm2
Tech
Data
Rated current: 40A, 10A
Rated voltage: 690V, 250V
Wiregauge: 3mm2, 4mm2, 6mm2
Tech
Data
Rated current: 16A
Rated voltage: 50V
Wiregauge: 0.14-4MM2
Tech
Data
Rated current: 10A
Rated voltage: 50V
Wiregauge: 0.14-4.0mm2
Quintax 8 2-pos
Crimp Terminal
(Order crimp contacts separately)
Crimp Terminal
(Order crimp contacts separately)
Crimp Terminal
(Order crimp contacts separately)
Crimp Terminal
(Order crimp contacts separately)
Type
PN
Type
PN
Type
PN
Type
PN
Male (M)
HMN-Q3 –M T2111027101-002
Male (M)
QUINTAX
1-POS-M
T2580011154-000
Male (M) QUINTAX
4-POS-M
T2580031154-000
Male (M) QUINTAX
8-POS-M
T2580081154-000
Female
(F)
HMN-Q3-F
T2111027201-002 Female
(F)
QUINTAX
1-POS-F
T2580012154-000 Female
(F)
QUINTAX
4-POS-F
T2580032154-000 Female
(F)
QUINTAX
8-POS-F
T2580082154-000
Tech
Data
Rated current: 5A
Rated voltage: 50V
Wiregauge: 0.14-4.0mm2
Tech
Data
Rated current: 16A
Rated voltage: 50V
Wiregauge: 0.5-4.0mm2
Tech
Data
Rated current: 10A
Rated voltage: 50V
Wiregauge: 0.14-2.5mm2
Tech
Data
Rated current: 5A
Rated voltage: 50V
Wiregauge: 0.08-0.52mm2
D-Sub
RJ45
Dummy Module Insert
Crimp Terminal
(Order crimp contacts separately)
Crimp Terminal
(Order crimp contacts separately)
Type
PN
Type
PN
Type
PN
Male (M)
HMN-009-M
T2111092101-000
Male (M)
HMN-RJ45-M
T2113000101-000
HMN-DM
T3110009902-000
Female (F)
HMN-009-F
T2111092201-000
Female (F)
HMN-RJ45-F
T2113000201-000
Tech Data
Rated current: 5A
Rated voltage: 50V
Tech Data
Rated current: 1A
Rated voltage: 50V
Wiregauge: 0.89-0.99mm2, 0.94-1.07mm2
Tech Data
Rated current: 16A
Rated voltage: 500V
Wiregauge: 0.14-4.0mm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com