Electronic Components Datasheet Search
  English  ▼

X  

T0931003003 Datasheet(PDF) 63 Page - TE Connectivity Ltd

Part # T0931003003
Description  General Overview of Heavy Duty Connectors
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T0931003003 Datasheet(HTML) 63 Page - TE Connectivity Ltd

Back Button T0931003003 Datasheet HTML 59Page - TE Connectivity Ltd T0931003003 Datasheet HTML 60Page - TE Connectivity Ltd T0931003003 Datasheet HTML 61Page - TE Connectivity Ltd T0931003003 Datasheet HTML 62Page - TE Connectivity Ltd T0931003003 Datasheet HTML 63Page - TE Connectivity Ltd T0931003003 Datasheet HTML 64Page - TE Connectivity Ltd T0931003003 Datasheet HTML 65Page - TE Connectivity Ltd T0931003003 Datasheet HTML 66Page - TE Connectivity Ltd T0931003003 Datasheet HTML 67Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
INDUSTRIAL /// HEAVY DUTY CONNECTORS
63
TE Connectivity‘s Heavy Duty Connectors
Cable Glands
Special sealing
insert glands
Product Image
Metr.
PG
Name
Type
PN
Sealing with Different
Color
Material: Nickel plated
brass
Seal material: TPE/
EPDM
Temperature range:
-40oC~ + 100oC
Protection: IP65
Seal material colors:
Black
(other colors need
consulting)
PG9
6.5-9
DLX-9-MSE
T3709090101-000
PG9
3.5-6
DLX-9-MSET
T3709090111-000
PG11
6-8.5
DLX-11-MSET
T3709110111-000
PG11
8.5-11
DLX-11-MSEZ
T3709110121-000
PG13.5
13.5-15
DLX-13-MSE
T3709130101-000
PG13.5
8.5-11
DLX-13-MSET
T3709130111-000
PG13.5
11-13.5
DLX-13-MSEZ
T3709130121-000
PG16
14-16
DLX-16-MSE
T3709160101-000
PG16
9-12
DLX-16-MSET
T3709160111-000
PG16
12-14
DLX-16-MSEZ
T3709160121-000
PG21
17.5-19
DLX-21-MSE
T3709210101-000
PG21
13.5-16
DLX-21-MSET
T3709210111-000
PG21
16-17.5
DLX-21-MSEZ
T3709210121-000
PG29
22.5-25
DLX-29-MSE
T3709290101-000
PG29
17.5-21
DLX-29-MSET
T3709290111-000
PG29
21-22.5
DLX-29-MSEZ
T3709290121-000
M16*1.5
9.5-10.5
DLX-16-ME
T3709160102-000
M16*1.5
6.5-8
DLX-16-MET
T3709160112-000
M16*1.5
8-9.5
DLX-16-MEZ
T3709160122-000
M20*1.5
13.5-15
DLX-20-ME
T3709200102-000
M20*1.5
8.5-11
DLX-20-MET
T3709200112-000
M20*1.5
11-13.5
DLX-20-MEZ
T3709200122-000
M24*1.5
10-14
DLX-24-MET
T3709240112-000
M25*1.5
17.5-19
DLX-25-ME
T3709250102-000
M25*1.5
13.5-16
DLX-25-MET
T3709250112-000
M25*1.5
16-17.5
DLX-25-MEZ
T3709250122-000
M25*1.5
19-21
DLX-25-MEC
T3709250142-000
M32*1.5
22.5-25
DLX-32-ME
T3709320102-000
M32*1.5
17-21
DLX-32-MET
T3709320112-000
M32*1.5
21-22.5
DLX-32-MEZ
T3709320122-000
EMC cable glands
Material: Nickel plated
brass
Press Seal Material: PA
Temperature range:
-40oC~ + 100oC
Protection: IP68
PG11
5-10
DLX-11-MSC
T3706110203-000
PG16
10-14
DLX-16-MSC
T3707160101-000
PG21
13-18
DLX-21-MSC
T3707210101-000
PG29
17-24
DLX-29-MSC
T3707290101-000
M16
4-8
DLX-16-MC
T3707160103-000
M20
5-9
DLX-20-MTC
T3707200113-000
M20
7-12
DLX-20-MC
T3706200103-000
M25
11-16
DLX-25-MTC
T3707250113-000
M25
13-18
DLX-25-MC
T3609250103-000
M32
15-21
DLX-32-MTC
T3707320113-000
M32
18-25
DLX-32-MC
T3609320103-000
M32
18-25
DLX-32-MC
T3707320103-000
M40
22-30
DLX-40-MTC
T3707400113-000
M40
22-32
DLX-40-MC
T3706400103-000
M50
30-38
DLX-50-MC
T3707500103-000
M63
37-44
DLX-63-MC
T3707630103-000
Special Sealing Insert Glands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com