Electronic Components Datasheet Search
  English  ▼

X  

T0931003003 Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # T0931003003
Description  General Overview of Heavy Duty Connectors
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T0931003003 Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button T0931003003 Datasheet HTML 8Page - TE Connectivity Ltd T0931003003 Datasheet HTML 9Page - TE Connectivity Ltd T0931003003 Datasheet HTML 10Page - TE Connectivity Ltd T0931003003 Datasheet HTML 11Page - TE Connectivity Ltd T0931003003 Datasheet HTML 12Page - TE Connectivity Ltd T0931003003 Datasheet HTML 13Page - TE Connectivity Ltd T0931003003 Datasheet HTML 14Page - TE Connectivity Ltd T0931003003 Datasheet HTML 15Page - TE Connectivity Ltd T0931003003 Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
INDUSTRIAL /// HEAVY DUTY CONNECTORS
12
TE Connectivity‘s Heavy Duty Connectors
Selection Guide
Insert
Type
Poles
Current
Voltage
Terminal
Contacts
Frame
HMN
HMN-001
1
200A
1000V
Crimp terminal
CHM/F&DHM/F(200A)
H10A-T1
H6BN-T2
H10BN-T3
H16BN-T4
H24BN-T6
HMN-D2
2
100A
1000V
Crimp terminal
CNM/F&DNM/F(100A)
HMN-002
2
70A
1000V
Crimp terminal
CSM/F&DSM/F(70A)
HMN-003
3
40A
690V
Crimp terminal
CMM/F&DMM/F(40A)
HMN-004
4
40A
830V
Crimp terminal
CMM/F&DMM/F(40A)
HMN-005
5
16A
400V
Spring terminal
-
HMN-006
6
16A
500V
Crimp terminal
CEM/F&DEM/F(16A)
HMN-006-P
6
16A
830V
Crimp terminal
CEM/F&DEM/F(16A)
HMN-008
8
16A
400V
Crimp terminal
CEM/F&DEM/F(16A)
HMN-012
12
10A
250V
Crimp terminal
CDM/F&DDM/F(10A)
HMN-017
17
10A
160V
Crimp terminal
CDM/F&DDM/F(10A)
HMN-020
20
16A
500V
Crimp terminal
CEM/F&DEM/F(16A)
HMN-025
25
5A
50V
Crimp terminal
CAM/F&DAM/F(5A)
HMN-009
9
5A
50V
Crimp terminal
CAM/F&DAM/F(5A)
HMN-RJ45
1
1A
50V
RJ45
-
HMN-USB
1
-
-
USB
-
HMN-PA2
2
-
-
Pneumatic contacts
-
HMN-PA3
3
-
-
Pneumatic contacts
-
HMN-Q1
2
16A/10A
50V
Shielding
Quintax-001
HMN-Q2
2
10A
50V
Shielding
Quintax-004
HMN-Q3
2
5A
50V
Shielding
Quintax-008
Quintax-001
1
16A
50V
Crimp terminal
CEM/F&DEM/F(16A)
Quintax-001
1
10A
50V
Crimp terminal
CDM/F&DDM/F(10A)
Quintax-004
4
10A
50V
Crimp terminal
CDM/F&DDM/F(10A)
Quintax-008
8
5A
50V
Crimp terminal
CAM/F&DAM/F(5A)
HMN-DM
-
-
-
-
-
Insert
Type
Module units
Hoods/Housings
Frame
H10A-T1
1
H10A
H6BN-T2
2
H6B
H10BN-T3
3
H10B
H16BN-T4
4
H16B
H24BN-T6
6
H24B
Insert
Type
Poles
Current
Voltage
Terminal
Contacts
Frame
HCM
HCM250
1
250A
2000V
Crimp terminal
HCM250-MC/FC
H16BRP-2P-250
H24BPR-4P-250
HCM350
1
350A
2000V
Crimp terminal
HCM350-MC/FC
H6BPR-1P-350
H16BPR-2P-350
H24BRP-3P-350
H32BRP-4P-350
HCM650
1
650A
4000V
Crimp terminal
HCM650-MC/FC
H6BPR-1P-650
H24BPR-2P-650
H24BPR-3P-650
Insert
Type
Module units
Hoods/Housings
Frame
H16BRP-2P-250
2
H16BRP
H24BPR-4P-250
4
H24BRP
H6BPR-1P-350
1
H6BRP
H16BPR-2P-350
2
H16BRP
H24BRP-3P-350
3
H24BRP
H32BRP-4P-350
4
H32BRP
H6BPR-1P-650
1
H6BRP
H24BPR-2P-650
2
H24BRP
H24BPR-3P-650
3
H24BRP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com