Electronic Components Datasheet Search
  English  ▼

X  

T0931003003 Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # T0931003003
Description  General Overview of Heavy Duty Connectors
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T0931003003 Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button T0931003003 Datasheet HTML 7Page - TE Connectivity Ltd T0931003003 Datasheet HTML 8Page - TE Connectivity Ltd T0931003003 Datasheet HTML 9Page - TE Connectivity Ltd T0931003003 Datasheet HTML 10Page - TE Connectivity Ltd T0931003003 Datasheet HTML 11Page - TE Connectivity Ltd T0931003003 Datasheet HTML 12Page - TE Connectivity Ltd T0931003003 Datasheet HTML 13Page - TE Connectivity Ltd T0931003003 Datasheet HTML 14Page - TE Connectivity Ltd T0931003003 Datasheet HTML 15Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
INDUSTRIAL /// HEAVY DUTY CONNECTORS
11
TE Connectivity‘s Heavy Duty Connectors
Selection Guide
Insert
Type
Poles
Current
Voltage
Terminal
Contacts
Hoods/Housings
HD
HD-007
7+PE
10A
250V
Crimp terminal
CDM/F(10A) DDM/F(10A)
H3A
HD-008
8
10A
50V
H3A
HD-015
15+PE
10A
250V
Crimp terminal
Rolled contacts
CDM/F(10A)
DDM/F(10A)
CJM/F(10A)
H10A
HD-025
25+PE
10A
250V
H16A
HD-040
40+PE
10A
250V
H16B
HD-050
50+PE
10A
250V
H32A
HD-064
64+PE
10A
250V
H24B
HD-080
80+PE
10A
250V
H32B
HD-128
128+PE
10A
250V
H48B
HDD
HDD-016
16+PE
10A
250V
Crimp terminal
CDM/F(10A) DDM/F(10A)
H6B
HDD-024
24+PE
10A
250V
Crimp terminal
Rolled contacts
CDM/F(10A)
DDM/F(10A)
CJM/F(10A)
H6B
H10B
HDD-042
42+PE
10A
250V
HDD-072
72+PE
10A
250V
Crimp terminal
CDM/F(10A) DDM/F(10A)
H16B
HDD-108
108+PE
10A
250V
Crimp terminal
CDM/F(10A) DDM/F(10A)
H24B
HDD-144
144+PE
10A
250V
Crimp terminal
CDM/F(10A) DDM/F(10A)
H32B
HDD-216
216+PE
10A
250V
Crimp terminal
CDM/F(10A) DDM/F(10A)
H48B
HSB
HSB-006
HSB-006
35A
690V
Screw terminal
-
H16B
HSB-012
HSB-012
35A
690V
Screw terminal
-
H32B
HEAV
HEAV-006
6+PE
16A
500V
Spring terminal
-
H6B
HEAV-010
10+PE
16A
500V
H10B
HEAV-016
16+PE
16A
500V
H16B
HEAV-024
24+PE
16A
500V
H24B
HEAV-032
32+PE
16A
500V
H32B
HEAV-048
48+PE
16A
500V
H48B
HK&HWK
HK-4/0
4+PE
80A
690V
Screw terminal
-
H16B
HK-4/2
4/2+PE
80/16A
690/400V
Screw terminal
-
H16B
HK-4/8
4/8+PE
80/16A
400/400V
Screw terminal
-
H24B
HK-6/36
6/36+PE
40/10A
690/250V
Crimp terminal
CMM/F(40A) DMM/F(40A)
CDM/F(10A) DDM/F(10A)
H16B
HK-8/24
8/24+PE
16/10A
400/250V
Crimp terminal
CEM/F&DEM/F(16A) CDM/F&DDM/F(10A
H10B
HK-12/2
12/2+PE
40/10A
500/250V
Crimp terminal
CMM/F&DMM/F(40A) CDM/F&DDM/F(10A
H16B
HWK6/6
6/6+PE
40/16A
690/400V
Screw terminal
-
H16B
HWK3/6/6
3/6/6+PE
100/40/16A
690/690/400V
Screw terminal
-
H24B
HQ
HQ-002
2+PE
40A
400V
Crimp terminal
CMM/F&DMM/F(40A)
H3A
HQ-002-P
2+PE
40A
830V
Crimp terminal
CMM/F&DMM/F(40A)
H3A
HQ-005
5+PE
16A
400V
Crimp terminal
CEM/F&DEM/F(16A)
H3A
HQ-007
7+PE
10A
400V
Crimp terminal
CDM/F&DDM/F(10A)
H3A
HQ-008
8+PE
16A
500V
Crimp terminal
CEM/F&DEM/F(16A)
H8A
HQ-012
12+PE
10A
400V
Crimp terminal
CDM/F&DDM/F(10A)
H8A
HQ-017
17+PE
10A
250V
Crimp terminal
CDM/F&DDM/F(10A)
H8A
HQ4/2
4/2
40/10A
690V/250V
Crimp terminal
CMM/F&DMM/F(40A)
CDM/F&DDM/F(10A)
H8A
Selection Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com