Electronic Components Datasheet Search
  English  ▼

X  

T0931003003 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # T0931003003
Description  General Overview of Heavy Duty Connectors
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

T0931003003 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button T0931003003 Datasheet HTML 6Page - TE Connectivity Ltd T0931003003 Datasheet HTML 7Page - TE Connectivity Ltd T0931003003 Datasheet HTML 8Page - TE Connectivity Ltd T0931003003 Datasheet HTML 9Page - TE Connectivity Ltd T0931003003 Datasheet HTML 10Page - TE Connectivity Ltd T0931003003 Datasheet HTML 11Page - TE Connectivity Ltd T0931003003 Datasheet HTML 12Page - TE Connectivity Ltd T0931003003 Datasheet HTML 13Page - TE Connectivity Ltd T0931003003 Datasheet HTML 14Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
INDUSTRIAL /// HEAVY DUTY CONNECTORS
10
TE Connectivity‘s Heavy Duty Connectors
Selection Guide
Selection Guide
Insert
Type
Poles
Current
Voltage
Terminal
Contacts
Hoods/Housings
HA
HA-003
3+PE
10
250
Screw terminal
-
H3A
HA-004
4+PE
10
250
Screw terminal
-
H3A
HA-010
10+PE
16
250
Screw terminal
CEM/F(16A)
H10A
HA-016
16+PE
16
250
Crimp terminal
DEM/F(16A)
H16A
HA-003-S
3+PE
10
400
Spring terminal
H3A
HA-004-S
4+PE
10
400
Spring terminal
H3A
HE
HE-006
6+PE
16A
500V
Screw terminal
Crimp terminal
Spring terminal
Double spring
CEM/F(16A)
DEM/F(16A)
H6B
HE-010
10+PE
16A
500V
H10B
HE-016
16+PE
16A
500V
H16B
HE-024
24+PE
16A
500V
H24B
HE-032
32+PE
16A
500V
H32B
HE-048
48+PE
16A
500V
H48B
HEE
HEE-010
10+PE
16A
500V
Crimp terminal
CEM/F(16A)
DEM/F(16A)
H6B
HEE-018
18+PE
16A
500V
H10B
HEE-032
32+PE
16A
500V
H16B
HEE-046
46+PE
16A
500V
H24B
HEE-064
64+PE
16A
500V
H32B
HEE-092
92+PE
16A
500V
H48B
HEEE
HEEE-020
20+PE
16A
400V
Crimp terminal
CEM/F(16A)
H6B
HEEE-032
32+PE
16A
400V
DEM/F(16A)
H10B
HEEE-040
40+PE
16A
500V
H16B
HEEE-048
48+PE
16A
400V
H16B
HEEE-064
64+PE
16A
500V
H24B
HEEE-072
72+PE
16A
400V
H24B
HEEE-080
80+PE
16A
500V
H32B
HEEE-096
96+PE
16A
400V
H32B
HEEE-128
128+PE
16A
500V
H48B
HEEE-144
144+PE
16A
400V
H48B
HVE
HVE-003
3+PE+2
16A
830V
Screw terminal
-
H10B
HVE-006
6+PE+2
16A
830V
H16B
HVE-010
10+PE+2
16A
830V
H24B
HVES-003
3+PE+2
16A
830V
Spring terminal
-
H10B
HVES-006
6+PE+2
16A
830V
H16B
HVES-010
10+PE+2
16A
830V
H24B
HVEC-003
3+PE+2
16A
830V
Crimp terminal
CEM/F(16A) DEM/
F(16A)
H10B
HVEC-006
6+PE+2
16A
830V
H16B
HVEC-010
10+PE+2
16A
830V
H24B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com