Electronic Components Datasheet Search
  English  ▼

X  

TLV809 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV809
Description  TPS3809xxx-Q1 3-Pin Supply Voltage Supervisors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV809 Datasheet(HTML) 1 Page - Texas Instruments

  TLV809 Datasheet HTML 1Page - Texas Instruments TLV809 Datasheet HTML 2Page - Texas Instruments TLV809 Datasheet HTML 3Page - Texas Instruments TLV809 Datasheet HTML 4Page - Texas Instruments TLV809 Datasheet HTML 5Page - Texas Instruments TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TPS3809xxx-Q1 3-Pin Supply Voltage Supervisors
1 Features
• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to +125°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C5
• 3-Pin SOT-23 Package
• Supply Current of 9 μA (Typical)
• Precision-Supply Voltage Monitor 2.5 V, 3 V, 3.3 V,
5 V
• Power-On Reset Generator With Fixed Delay Time
of 200 ms
• Pin-For-Pin Compatible With MAX 809
2 Applications
• Automotive Camera Systems
• Telematics
• Automotive Cluster
• Engine Controls
• Surround View Systems
3 Description
The TPS3809 family of supervisory circuits provides
circuit initialization and timing supervision, primarily
for DSPs and processor-based systems. The newer
TLV809E device is an alternative with the same pins,
functions and electrical parameters.
During power-on, RESET is asserted when the supply
voltage VDD becomes higher than 1.1 V. Thereafter,
the supervisory circuit monitors VDD and keeps
RESET active as long as VDD remains below the
threshold voltage VIT. An internal timer delays the
return of the output to the inactive state (high) to
ensure proper system reset. The delay time, td(typ) =
200 ms, starts after VDD has risen above the threshold
voltage VIT. When the supply voltage drops below the
threshold voltage VIT, the output becomes active (low)
again. No external components are required. All the
devices of this family have a fixed sense-threshold
voltage VIT set by an internal voltage divider.
The product spectrum is designed for supply voltages
of 2.5 V, 3 V, 3.3 V, and 5 V. The circuits are available
in a 3-pin SOT-23. The TPS3809xxx-Q1 devices are
characterized for operation over a temperature range
of −40°C to 125°C, and are qualified in accordance
with AEC-Q100 stress test qualification for integrated
circuits.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS3809xxx-Q1
SOT-23 (3)
2.90 mm × 1.60 mm
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
3.3 V
TPS3809K33-Q1
TMS320LC54x
GND
GND
RESET
RESET
V DD
V DD
TPS76333
GND
OUT
IN
5 V
Typical Application
www.ti.com
TPS3809J25-Q1, TPS3809L30-Q1, TPS3809K33-Q1, TPS3809I50-Q1
SGLS142C – DECEMBER 2002 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TPS3809J25-Q1 TPS3809L30-Q1 TPS3809K33-Q1 TPS3809I50-Q1
TPS3809J25-Q1, TPS3809L30-Q1, TPS3809K33-Q1, TPS3809I50-Q1
SGLS142C – DECEMBER 2002 – REVISED DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
3-Pin Supply Voltage Supervisor
TLV809 TI1-TLV809 Datasheet
816Kb / 15P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV809 TI1-TLV809 Datasheet
794Kb / 14P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV809 TI1-TLV809 Datasheet
1Mb / 22P
3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV809 TI2-TLV809 Datasheet
409Kb / 15P
3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
REVISED JUNE 2011
More results

Similar Description - TLV809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI-TPS3809J25-Q1 Datasheet
151Kb / 9P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV809I50 TI1-TLV809I50 Datasheet
691Kb / 16P
3-Pin Supply Voltage Supervisors
TPS3809I50-EP TI1-TPS3809I50-EP Datasheet
376Kb / 13P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_13 Datasheet
821Kb / 13P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI1-TPS3809J25-Q1_16 Datasheet
837Kb / 19P
3-Pin Supply Voltage Supervisors
TPS3809J25 TI1-TPS3809J25_16 Datasheet
726Kb / 13P
3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
347Kb / 14P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809L30-EP TI1-TPS3809L30-EP_16 Datasheet
722Kb / 14P
3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_17 Datasheet
722Kb / 13P
3-Pin Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com