Electronic Components Datasheet Search
  English  ▼

X  

TLV809 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV809
Description  TPS3809xxx-Q1 3-Pin Supply Voltage Supervisors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV809 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV809 Datasheet HTML 6Page - Texas Instruments TLV809 Datasheet HTML 7Page - Texas Instruments TLV809 Datasheet HTML 8Page - Texas Instruments TLV809 Datasheet HTML 9Page - Texas Instruments TLV809 Datasheet HTML 10Page - Texas Instruments TLV809 Datasheet HTML 11Page - Texas Instruments TLV809 Datasheet HTML 12Page - Texas Instruments TLV809 Datasheet HTML 13Page - Texas Instruments TLV809 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
9.2.3 Application Curves
–50
–40
–30
–20
–10
0
10
20
30
40
50
–2
0
2
4
6
TA = 25 C
o
VDD – Supply Voltage – V
TPS3809J25
Figure 9-2. Supply Current vs Supply Voltage
0.995
0.996
0.997
0.998
0.999
1.000
1.001
TA – Free-Air Temperature – C
o
–40
–20
0
20
40
60
85
VDD = 2.3 V
VDD = 2.3 V
Figure 9-3. Normalized Input Threshold Voltage vs
Free-Air Temperature at VDD
TPS3809J25-Q1, TPS3809L30-Q1, TPS3809K33-Q1, TPS3809I50-Q1
SGLS142C – DECEMBER 2002 – REVISED DECEMBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS3809J25-Q1 TPS3809L30-Q1 TPS3809K33-Q1 TPS3809I50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com