Electronic Components Datasheet Search
  English  ▼

X  

IP5101 Datasheet(PDF) 5 Page - Injoinic Technology Co.,Ltd.

Part # IP5101
Description  Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5101 Datasheet(HTML) 5 Page - Injoinic Technology Co.,Ltd.

  IP5101 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IP5305T
V1.0
http://www.injoinic.com/
5 / 14
Copyright © 2014, Injoinic Corp.
7 Absolute maximum ratings
Parameter
symbol
value
Unit
Port input voltage range
VIN
-
0.3 ~ 6
V
Operating free-air temperature
range
TA
-
40 ~ 150
℃
Junction temperature
TJ
-
40 ~ 150
℃
Storage temperature
Tstg
-
60 ~ 150
℃
Thermal resistance (from junction
to ambient air)
θJA
50
℃
/W
Human-body model (HBM)
ESD
4
KV
* Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
8 Recommended operation conditions
Parameter
symbol
MIN
Typical
MAX
Unit
Input voltage
VIN
4.65
5
5.5
V
Load current
I
0
1.0
A
Operating ambient
temperature
TA
-
20
--
70
℃
*Beyond these operation conditions, the device’s performance will not be guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com