Electronic Components Datasheet Search
  English  ▼

X  

IP5101 Datasheet(PDF) 10 Page - Injoinic Technology Co.,Ltd.

Part # IP5101
Description  Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5101 Datasheet(HTML) 10 Page - Injoinic Technology Co.,Ltd.

Back Button IP5101 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IP5305T
V1.0
http://www.injoinic.com/
10 / 14
Copyright © 2014, Injoinic Corp.
terminal discharge current measured by IP5305T) * RSET (the cell discharge compensation resistor set
by IP5305T);
4 LEDS Boost and Charge OCV Threshold
Boost OCV Threshold
RVTHS
Resistance
Boost LED
State
Boost turn light
voltage(OCV
threshold)
Boost turn light
voltage(OCV
threshold)
Threshold one.
20K 1%
4 LEDS turn 3 LEDS
3.84V
3.9V
3 LEDS turn 2 LEDS
3.66V
3.69V
2 LEDS turn 1 LED
3.54V
3.6V
Threshold
two.
43K 1%
4 LEDS turn 3 LEDS
3.9V
3.9V
3 LEDS turn 2 LEDS
3.72V
3.72V
2 LEDS turn1 LED
3.6V
3.6V
Threshold
three
75K 1%
4 LEDS turn 3 LEDS
3.9V
3.9V
3 LEDS turn 2 LEDS
3.75V
3.75V
2 LEDS turn 1 LED
3.6V
3.6V
Threshold four
100K 1%
4 LEDS turn 3 LEDS
3.96V
3.96V
3 LEDS turn 2 LEDS
3.78V
3.78V
2 LEDS turn 1 LED
3.67V
3.67V
Threshold
five.
NC
4 LEDS turn 3 LEDS
3.96V
3.96V
3 LEDS turn 2 LEDS
3.84V
3.84V
2 LEDS turn 1 LED
3.72V
3.72V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com