Electronic Components Datasheet Search
  English  ▼

X  

IP5101 Datasheet(PDF) 14 Page - Injoinic Technology Co.,Ltd.

Part # IP5101
Description  Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5101 Datasheet(HTML) 14 Page - Injoinic Technology Co.,Ltd.

Back Button IP5101 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
IP5305T
V1.0
http://www.injoinic.com/
14 / 14
Copyright © 2014, Injoinic Corp.
IMPORTANT NOTICE
INJOINIC TECHNOLOGY and its subsidiaries reserve the right to make corrections, enhancements,
improvements and other changes to its semiconductor products and services. Buyers should obtain the latest
relevant information before placing orders and should verify that such information is current and complete. All
semiconductor products (also referred to herein as “components”) are sold subject to INJOINIC TECHNOLOGY's
terms and conditions of sale supplied at the time of order acknowledgment.
INJOINIC TECHNOLOGY assumes no liability for applications assistance or the design of Buyers' products.
Buyers are responsible for their products and applications using INJOINIC TECHNOLOGY's components. To
minimize the risks associated with Buyers' products and applications, Buyers should provide adequate design and
operating safeguards.
Buyer acknowledges and agrees that it is solely responsible for compliance with all legal, regulatory and
safety-related requirements concerning its products, and any use of INJOINIC TECHNOLOGY's components in its
applications, notwithstanding any applications-related information or support that may be provided by INJOINIC
TECHNOLOGY. Buyer represents and agrees that it has all the necessary expertise to create and implement
safeguards which anticipate dangerous consequences of failures, monitor failures and their consequences, lessen
the likelihood of failures that might cause harm and take appropriate remedial actions. Buyer will fully indemnify
INJOINIC TECHNOLOGY and its representatives against any damages arising out of the use of any INJOINIC
TECHNOLOGY's components in safety-critical applications.
Reproduction of significant portions of INJOINIC TECHNOLOGY's information in INJOINIC TECHNOLOGY's data
books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated
warranties, conditions, limitations, and notices. INJOINIC TECHNOLOGY is not responsible or liable for such altered
documentation. Information of third parties may be subject to additional restrictions.
INJOINIC TECHNOLOGY will update this document from time to time. The actual parameters of the product
may vary due to different models or other items. This document voids all express and any implied warranties.
Resale of INJOINIC TECHNOLOGY's components or services with statements different from or beyond the
parameters stated by INJOINIC TECHNOLOGY for that component or service voids all express and any implied
warranties for the associated INJOINIC TECHNOLOGY's component or service and is an unfair and deceptive
business practice. INJOINIC TECHNOLOGY is not responsible or liable for any such statements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com