Electronic Components Datasheet Search
  English  ▼

X  

IP5101 Datasheet(PDF) 6 Page - Injoinic Technology Co.,Ltd.

Part # IP5101
Description  Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5101 Datasheet(HTML) 6 Page - Injoinic Technology Co.,Ltd.

Back Button IP5101 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IP5305T
V1.0
http://www.injoinic.com/
6 / 14
Copyright © 2014, Injoinic Corp.
9 Electrical Characteristics
TA=25℃, L=2.2uH unless otherwise noted
Parameter
symbol
Test condition
MIN
TYP
MAX
Unit
Charger system
Input voltage
VIN
4.65
5
5.5
V
Input over voltage
VINOVP
5.5
5.6
5.7
V
Target charge voltage
VTRGT
4.15
4.2
4.25
V
Charge current
ICHRG
1.2
1.4
A
Trickle charge current
ITRKL
VIN=5V,BAT=2.7V
50
100
300
mA
Trickle charge stop voltage
VTRKL
2.9
3
3.1
V
Recharge threshold
VRCH
4.05
4.1
4.15
V
Charger safety timer
TEND
Boosting timed out.
10
12
14
Hour
Boost system
Battery operation voltage
VBAT
3.0
3.7
4.4
V
Low Battery voltage
VBATLOW
IOUT=0.5A
2.85
2.95
3.05
V
Battery operation current
IBAT
VBAT=3.7V , VOUT=5.0V ,
fs=350KHz
1
3
15
mA
DC-DC output voltage
VOUT
VBAT=3.7V IOUT=1A
4.75
5.0
5.25
V
Output voltage ripple
ΔVOUT
VBAT=3.7V , VOUT=5.0V ,
fs=350KHz
20
50
100
mV
Boost output current
Ivout
VBAT=3.7V
0
1
1.8
A
Load over-current detect
timer
TUVD
Output voltage continuously
lower than 4.2V
20
30
40
ms
Load
short-circuit
detect
timer
TOCD
Output current continuously
larger than 2.0A
100
150
200
us
Control system
Switching frequency
fs
VABT=3.7V
250
350
450
KHz
Boosting frequency
VIN=5V,VBAT=3.7V
600
700
800
KHz
PMOS on resistance
rDSON
70
80
90
mΩ
NMOS on resistance
60
70
80
mΩ
VIN and VOUT path’s
PMOS on-resistance.
VIN=5V
200
250
300
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com