Electronic Components Datasheet Search
  English  ▼

X  

IP5101 Datasheet(PDF) 12 Page - Injoinic Technology Co.,Ltd.

Part # IP5101
Description  Fully-integrated power bank System-On-Chip with 1.2A charger, 1.0A boost converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5101 Datasheet(HTML) 12 Page - Injoinic Technology Co.,Ltd.

Back Button IP5101 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5101 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
IP5305T
V1.0
http://www.injoinic.com/
12 / 14
Copyright © 2014, Injoinic Corp.
2.2uH
TYPE-A
DM
DP
VOUT
GND
VIN
VOUT
LED1
LED2
LED3
KEY
/WLED
BAT
SW
IP5305T
1
2
3
4
8
7
6
5
EPAD
Micro-B
VIN
GND
2R
10uF
10uF
10K
20R
KEY
Light
10uF
lithium
battery
22uF
10uF
Can be omitted if lighting function is not
required
VBAT+
VBAT+
200R
1K
RVSET
RVSET
NC
43K
75K
100K
battery type
4.2V
4.3V
4.35V
4.4V
D1
Figure3 1 LEDs SOC indicator typical application schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com