Electronic Components Datasheet Search
  English  ▼

X  

SLVS274 Datasheet(PDF) 3 Page - Texas Instruments

Part # SLVS274
Description  REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLVS274 Datasheet(HTML) 3 Page - Texas Instruments

  SLVS274 Datasheet HTML 1Page - Texas Instruments SLVS274 Datasheet HTML 2Page - Texas Instruments SLVS274 Datasheet HTML 3Page - Texas Instruments SLVS274 Datasheet HTML 4Page - Texas Instruments SLVS274 Datasheet HTML 5Page - Texas Instruments SLVS274 Datasheet HTML 6Page - Texas Instruments SLVS274 Datasheet HTML 7Page - Texas Instruments SLVS274 Datasheet HTML 8Page - Texas Instruments SLVS274 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagrams
TPS60210 and TPS60212 with low-battery detector
_
+
Oscillator
Control
Circuit
_
+
+
−
VREF
_
+
+
−
Shutdown/
Start-Up
Control
0.8 x VIN
+
−
VREF
LBI
GND
LBO
SNOOZE
Charge Pump 1
C1+
C1−
C1
C2+
C2−
OUT
C2
IN
Charge Pump 2
0
°
180
°
TPS60211 and TPS60213 with power-good detector
_
+
Oscillator
Control
Circuit
_
+
+
−
VREF
_
+
+
−
Shutdown/
Start-Up
Control
0.8 x VIN
+
−
VREF
GND
PG
SNOOZE
Charge Pump 1
C1+
C1−
C1
C2+
C2−
OUT
C2
IN
Charge Pump 2
0
°
180
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com