Electronic Components Datasheet Search
  English  ▼

X  

SLVS274 Datasheet(PDF) 10 Page - Texas Instruments

Part # SLVS274
Description  REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLVS274 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SLVS274 Datasheet HTML 6Page - Texas Instruments SLVS274 Datasheet HTML 7Page - Texas Instruments SLVS274 Datasheet HTML 8Page - Texas Instruments SLVS274 Datasheet HTML 9Page - Texas Instruments SLVS274 Datasheet HTML 10Page - Texas Instruments SLVS274 Datasheet HTML 11Page - Texas Instruments SLVS274 Datasheet HTML 12Page - Texas Instruments SLVS274 Datasheet HTML 13Page - Texas Instruments SLVS274 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
TPS60210
EFFICIENCY
vs
INPUT VOLTAGE
0
10
20
30
40
50
60
70
80
90
100
1.6
2.0
2.4
2.8
3.2
3.6
VI − Input Voltage − V
IO = 50 mA
Figure 6
TPS60210
PEAK OUTPUT CURRENT
vs
INPUT VOLTAGE
150
100
50
0
1.6
2.0
2.4
2.8
200
250
350
3.2
3.6
300
VI − Input Voltage − V
Figure 7
TPS60210
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.2
2.9
3.5
3.4
3.3
3.1
3.0
VI = 1.8 V
VI = 2.4 V
VI = 2.7 V
VI = 3.6 V
IO − Output Current − mA
1
10
100
1000
Figure 8
3
3.05
3.10
3.15
3.20
3.25
3.30
3.35
1
10
100
VI = 3.6 V
VI = 2.7 V
VI = 2.4 V
VI = 1.8 V
TPS60212
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com