Electronic Components Datasheet Search
  English  ▼

X  

SLVS274 Datasheet(PDF) 9 Page - Texas Instruments

Part # SLVS274
Description  REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLVS274 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SLVS274 Datasheet HTML 5Page - Texas Instruments SLVS274 Datasheet HTML 6Page - Texas Instruments SLVS274 Datasheet HTML 7Page - Texas Instruments SLVS274 Datasheet HTML 8Page - Texas Instruments SLVS274 Datasheet HTML 9Page - Texas Instruments SLVS274 Datasheet HTML 10Page - Texas Instruments SLVS274 Datasheet HTML 11Page - Texas Instruments SLVS274 Datasheet HTML 12Page - Texas Instruments SLVS274 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURES
Efficiency
vs Output current (TPS60210 and TPS60212)
3, 4
η
Efficiency
vs Input voltage
5
IO
Output current
vs Input voltage
6
VO
Output voltage
vs Output current (TPS60210 and TPS60212)
7, 8
VO
Output voltage
vs Input voltage (TPS60210 and TPS60212)
9, 10
IQ
Quiescent supply current
vs Input voltage
11
IQ
Quiescent supply current
vs Output current in snooze mode
12
VO
Output voltage
vs Time (Exit from snooze mode)
13
VO
Output voltage ripple
vs Time
14, 15, 16
VO
Output voltage ripple
vs Time in snooze mode
17, 18
Load transient response
19
Line transient response
20
NOTE: All typical characteristics were measured using the typical application circuit of Figure 21 (unless otherwise noted).
Figure 3
0.1
IO − Output Current − mA
TPS60210
EFFICIENCY
vs
OUTPUT CURRENT
1
10
100
1000
VI = 2.4 V
VI = 1.8 V
VI = 2.7 V
100
90
80
70
60
50
40
30
20
10
0
Figure 4
0.1
IO − Output Current − mA
TPS60212
EFFICIENCY
vs
OUTPUT CURRENT
1
10
100
VI = 1.8 V
VI = 2.4 V
VI = 2.7 V
100
90
80
70
60
50
40
30
20
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com