Electronic Components Datasheet Search
  English  ▼

X  

SLVS274 Datasheet(PDF) 12 Page - Texas Instruments

Part # SLVS274
Description  REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLVS274 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SLVS274 Datasheet HTML 8Page - Texas Instruments SLVS274 Datasheet HTML 9Page - Texas Instruments SLVS274 Datasheet HTML 10Page - Texas Instruments SLVS274 Datasheet HTML 11Page - Texas Instruments SLVS274 Datasheet HTML 12Page - Texas Instruments SLVS274 Datasheet HTML 13Page - Texas Instruments SLVS274 Datasheet HTML 14Page - Texas Instruments SLVS274 Datasheet HTML 15Page - Texas Instruments SLVS274 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
0
50
100 150 200 250 300 350 400 450 500
3.3
3.2
3.5
3.6
3.4
t − Time − ms
High
Low
TPS60210
OUTPUT VOLTAGE
vs
TIME
Figure 14
t − Time −
µs
TPS60210
OUTPUT VOLTAGE RIPPLE
vs
TIME
050
3.22
3.24
3.34
3.38
3.36
3.32
3.30
3.26
3.28
545
40
35
30
25
10
15
20
VI = 2.4 V
IO = 1 mA
Figure 15
t − Time −
µs
TPS60210
OUTPUT VOLTAGE RIPPLE
vs
TIME
010
3.22
3.24
3.34
3.38
3.36
3.32
3.30
3.26
3.28
19
8
7
6
5
23
4
VI = 2.4 V
IO = 10 mA
Figure 16
t − Time −
µs
TPS60210
OUTPUT VOLTAGE RIPPLE
vs
TIME
3.30
3.28
3.24
3.22
0
1
2345
6
3.34
3.36
3.38
789
10
VI = 2.4 V
IO = 100 mA
3.32
3.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com