Electronic Components Datasheet Search
  English  ▼

X  

SLVS274 Datasheet(PDF) 6 Page - Texas Instruments

Part # SLVS274
Description  REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLVS274 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SLVS274 Datasheet HTML 2Page - Texas Instruments SLVS274 Datasheet HTML 3Page - Texas Instruments SLVS274 Datasheet HTML 4Page - Texas Instruments SLVS274 Datasheet HTML 5Page - Texas Instruments SLVS274 Datasheet HTML 6Page - Texas Instruments SLVS274 Datasheet HTML 7Page - Texas Instruments SLVS274 Datasheet HTML 8Page - Texas Instruments SLVS274 Datasheet HTML 9Page - Texas Instruments SLVS274 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
low-battery detector (TPS60210 and TPS60212)
The low-battery comparator trips at 1.18 V
±5% when the voltage on pin LBI ramps down. The voltage V(TRIP)
at which the low-battery warning is issued can be adjusted with a resistive divider as shown in Figure 2. The
sum of resistors R1 and R2 is recommended to be in the 100-k
Ω to 1-MΩ range.
LBO is an open drain output. An external pullup resistor to OUT, or any other voltage rail in the appropriate range,
in the 100-k
Ω to 1-MΩ range is recommended. During start-up, the LBO output signal is invalid for the first
500
µs. LBO is high impedance when the device is programmed into snooze mode.
If the low battery function is not used, connect LBI to ground and leave LBO unconnected. When the device is
programmed into snooze mode (SNOOZE = LOW), the low-battery detector is disabled.
V
(
TRIP) + 1.18 V
1
) R1
R2
_
+
+
−
VREF
VBAT
IN
R1
LBI
R2
LBO
R3
VO
Figure 2. Programming of the Low-Battery Comparator Trip Voltage
A 100-nF ceramic capacitor should be connected in parallel to R2 if large line transients are expected. These
voltage drops may inadvertently trigger the low-battery comparator and produce a wrong low-battery warning
signal at the LBO pin.
Formulas to calculate the resistive divider for low-battery detection, with VLBI = 1.13 V to 1.23 V and the sum
of resistors R1 and R2 equal 1 M
Ω:
R2
+ 1MW
V
LBI
V
Bat
R1
+ 1MW * R2
(1)
(2)
Formulas to calculate the minimum and maximum battery voltage:
V
Bat(min) +
V
LBI(min)
R1
(min) )
R2
(max)
R2
(max)
V
Bat(max) +
V
LBI(max)
R1
(max) )
R2
(min)
R2
(min)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com