Electronic Components Datasheet Search
  English  ▼

X  

CC2571 Datasheet(PDF) 2 Page - Texas Instruments

Part # CC2571
Description  1- and 8-Channel ANT™ RF Network Processors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2571 Datasheet(HTML) 2 Page - Texas Instruments

  CC2571 Datasheet HTML 1Page - Texas Instruments CC2571 Datasheet HTML 2Page - Texas Instruments CC2571 Datasheet HTML 3Page - Texas Instruments CC2571 Datasheet HTML 4Page - Texas Instruments CC2571 Datasheet HTML 5Page - Texas Instruments CC2571 Datasheet HTML 6Page - Texas Instruments CC2571 Datasheet HTML 7Page - Texas Instruments CC2571 Datasheet HTML 8Page - Texas Instruments CC2571 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
CC2570
CC2571
SWRS095A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Supply voltage
All supply pins must have the same voltage
–0.3 to 3.9
V
Voltage on any digital pin
–0.3 to VDD + 0.3, ≤ 3.9
V
Input RF level
10
dBm
Storage temperature range
–40 to 125
°C
All pads, according to human-body model,
2
kV
JEDEC STD 22, method A114
ESD
According to charged-device model, JEDEC
500
V
STD 22, method C101
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Operating ambient temperature range
–40
85
°C
Operating supply voltage
2
3.6
V
ELECTRICAL CHARACTERISTICS
Measured on CC2570/71 reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RX current consumption
23.7
mA
TX current consumption,
–6-dBm output power
25.9
mA
TX current consumption, 0-dBm output power
28.8
mA
I
Current consumption
TX current consumption, 4-dBm output power
34.3
mA
Power-down current, 32-kHz oscillator active
1
µA
Power-down current, 32-kHz oscillator disabled
0.5
µA
GENERAL CHARACTERISTICS
Measured on CC2570/71 reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RADIO PART
RF frequency range
Programmable in 1-MHz steps
2400
2495
MHz
Data rate and modulation format
1 Mbps, GFSK, 160-kHz deviation
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): CC2570 CC2571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com