| Electronic Components Datasheet Search |
|
CC2571 Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2571 Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 34 page ![]() RESET RTS UART RX SLEEP UART TX SUSPEND Vcc X201 X200 L202 X202 X203 Vcc Vcc Vcc Vcc Vcc X207 X208 L204 1 2 X1 Host MCU Host MCU Asynchronous Mode L203 Antenna 1 2 3 4 5 6 7 8 9 10 21 22 23 24 25 26 27 28 29 30 GND GND GND GND BR3/FAST SPI DVDD2 BR2/SCLK TxD/SOUT BR1/SFLOW RxD/SIN AVDD4 AVDD1 R_BIAS AVDD5 XOSC_Q1 RF_N RF_P AVDD3 XOSC_Q2 AVDD2 C200 C208 C209 C211 C207 C206 C202 C205 C204 Set Baud Rate C210 C203 R200 C201 U200 CC257X X3 S0505-01 CC2570 CC2571 www.ti.com SWRS095A – FEBRUARY 2011 – REVISED MARCH 2011 The asynchronous serial interface may be used with a UART peripheral on an external MCU. The baud rates are selectable via a hardware pin configuration. Byte-synchronous serial may be used with an SPI peripheral (three-wire), though flow control must be implemented in software using GPIOs. The bit-synchronous serial interface is designed to be implemented in software on the external MCU, allowing the interface to be implemented using GPIOs only. ASYNCHRONOUS SERIAL INTERFACE The asynchronous serial interface is selected by setting the PORTSEL pin to VSS (GND). The asynchronous serial interface is functionally equivalent to a standard UART with 8 data bits, no parity, and 1 stop bit. Unlike a standard UART, the asynchronous serial interface supports unidirectional flow control only. Using the asynchronous serial interface also requires that the host MCU tightly control the SLEEP state of the CC257x by using the SLEEP and SUSPEND control lines. The following block diagram shows the interconnections required for the asynchronous serial interface. Figure 8. Asynchronous Serial Hardware Setup The baud rate is selected using a hardware pin configuration using pins BR1, BR2, and BR3. Table 2 lists the available baud rates and the corresponding pin configurations. Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Link(s): CC2570 CC2571 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |