Electronic Components Datasheet Search
  English  ▼

X  

CC2571 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC2571
Description  1- and 8-Channel ANT™ RF Network Processors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2571 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2571 Datasheet HTML 4Page - Texas Instruments CC2571 Datasheet HTML 5Page - Texas Instruments CC2571 Datasheet HTML 6Page - Texas Instruments CC2571 Datasheet HTML 7Page - Texas Instruments CC2571 Datasheet HTML 8Page - Texas Instruments CC2571 Datasheet HTML 9Page - Texas Instruments CC2571 Datasheet HTML 10Page - Texas Instruments CC2571 Datasheet HTML 11Page - Texas Instruments CC2571 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
4
3
2
5
1
5
4
5
4
M0214-01
CC2570
CC2571
SWRS095A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
Figure 6. Varying Proximity Thresholds
There are 10 proximity bins available to the application. Each bin represents a relative distance from the device.
The actual distance varies from implementation to implementation and is affected by many factors, including
housing, component tolerances, and RF environment. In Figure 6 (third on the left diagram), if the user put the
slave device (center) into proximity pairing mode with a bin of 3, the user would only be able to pair to one
device. All other devices would be outside of the pairing range.
Proximity pairing is a very powerful feature of ANT and is applicable in almost all applications, from simple
sensor pairings that occur occasionally to complex pairing environments such as gyms where pairing may be
done continuously with pieces of equipment in a crowded environment. It is seamless to the user and requires no
special hardware or UI to implement.
ANT NETWORKS
With up to eight independent ANT channels available on a single device, it is possible to connect ANT nodes to
many different types of network topologies. Sophisticated network topologies are just collections of ANT channels
and simple star networks. Figure 7 illustrates some of the possible network arrangements possible with ANT.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): CC2570 CC2571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com