Electronic Components Datasheet Search
  English  ▼

X  

CC2571 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC2571
Description  1- and 8-Channel ANT™ RF Network Processors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2571 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2571 Datasheet HTML 8Page - Texas Instruments CC2571 Datasheet HTML 9Page - Texas Instruments CC2571 Datasheet HTML 10Page - Texas Instruments CC2571 Datasheet HTML 11Page - Texas Instruments CC2571 Datasheet HTML 12Page - Texas Instruments CC2571 Datasheet HTML 13Page - Texas Instruments CC2571 Datasheet HTML 14Page - Texas Instruments CC2571 Datasheet HTML 15Page - Texas Instruments CC2571 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
CC2570
CC2571
SWRS095A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
PIN FUNCTIONS (continued)
PIN
DIRECTION
DESCRIPTION
NAME
NO.
DCOUPL
40
DVDD1
39
DVDD2
10
EE_CLK
16
OUT
EEPROM SPI master clock
EE_CS
12
OUT
EEPROM SPI chip select
EE_GND
34
OUT
EEPROM ground
EE_MISO
14
IN
EEPROM SPI master in
EE_MOSI
15
OUT
EEPROM SPI master out
1, 2, 3, 4,
GND
13, 17, 35,
N/A
Ground
37, 38
PORTSEL: Configuration pin to select synchronous or asynchronous serial
PORTSEL
36
IN/IN
communication
R_BIAS
30
RESET
20
I
Reset signal
RF_N
26
RF_P
25
Digital output for serial communication
RTS/SEN
11
OUT/OUT
Synchronous: SEN (Serial-enable flow control)
Asynchronous: RTS (UART flow control)
Digital input for serial communication
RxD/SIN
6
OUT/OUT
Synchronous: SIN (SPI master in)
Asynchronous: RxD (UART receive)
Serial communication pin
SLEEP/MRDY
18
IN/IN
Synchronous: MRDY (message-ready flow control signal)
Asynchronous: SLEEP (sleep assert)
Serial communication pin
SUSPEND/SRDY
19
IN/IN
Synchronous: SRDY (bit- or byte-ready flow control)
Asynchronous: SUSPEND (suspend signal)
Digital output for serial communication
TxD/SOUT
5
OUT/OUT
Synchronous: SOUT (SPI master out)
Asynchronous: TxD (UART transmit)
XOSC32K_Q1
32
XOSC32K_Q2
33
XOSC_Q1
22
XOSC_Q2
23
SERIAL INTERFACE
The CC257x supports various serial interfaces to accommodate almost any application requirements. These
include asynchronous, byte synchronous, and bit synchronous (bit bashing). The serial interface is selected by
using external configuration pins, as described in Table 1. Because these pins are sampled by the CC257x on
startup to determine serial interface, it is important that these pins retain their state while powered up. Changing
the state of these pins after start-up may result in undefined behavior.
Table 1. Serial Interface Selection
Serial Mode
PORTSEL (Pin 36)
SFLOW (Pin 8)
Asynchronous
0
X
Byte synchronous
1
0
Bit synchronous
1
1
12
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): CC2570 CC2571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com