Electronic Components Datasheet Search
  English  ▼

X  

CC2571 Datasheet(PDF) 7 Page - Texas Instruments

Part # CC2571
Description  1- and 8-Channel ANT™ RF Network Processors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2571 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2571 Datasheet HTML 3Page - Texas Instruments CC2571 Datasheet HTML 4Page - Texas Instruments CC2571 Datasheet HTML 5Page - Texas Instruments CC2571 Datasheet HTML 6Page - Texas Instruments CC2571 Datasheet HTML 7Page - Texas Instruments CC2571 Datasheet HTML 8Page - Texas Instruments CC2571 Datasheet HTML 9Page - Texas Instruments CC2571 Datasheet HTML 10Page - Texas Instruments CC2571 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CC2570
CC2571
www.ti.com
SWRS095A
– FEBRUARY 2011 – REVISED MARCH 2011
Message Types
Although the data payload is fixed at 8 bytes per packet, ANT channels do support different types of messages
including broadcast messages, acknowledged messages and burst messages. The choice of message type to
use depends on the needs of a particular application.
Broadcast messages are messages that do not expect a response. This means that the sender of a broadcast
message (whether it be a slave or master) has no way of knowing if the message it sent was successfully
received by its intended recipient. Broadcast messages offer the lowest power consumption of the three different
message types. As these types of messages do not ellicit a response from their target, these messages are
ideally suited for applications where one-to-many type architectures are required. For example, a sport sensor
may broadcast data to a watch and smartphone simultaneously. Broadcast type messages are also useful for
sensor data that changes slowly relative to the channel period, and it is more important to have the latest data
rather than every single packet of data. For example, a temperature sensor is an ideal candidate for a broadcast
data type. Broadcast messages are the default message type used by a master channel and are the only data
type supported by transmit-only channels.
Acknowledged messages are messages that expect and ellicit a response from the receiving device. The
response to an acknowledged message is automatically handled by the ANT protocol (transparent to the
application MCU). On sending an acknowledged message type, the application MCU will be notified whether or
not the message successfully reached its target. Any retries must be handled by the application MCU, as ANT
does not re-transmit any messages that were not acknowledged. Acknowledged type messages are best suited
for control applications where the transmitter must know whether or not a message got through. For example, a
remote control or actuator is an ideal application for an acknowledged message type.
Burst messages are designed to allow the transfer of bulk data as fast as possible without compromising the
ability of a device to run using a coin-cell battery. A burst always starts on a channel-period timeslot and send
packets as fast as possible, potentially extending the channel period. The maximum data throughput for a burst
is 20 kbps. Each burst packet is re-tried by ANT up to five times if necessary. The success or failure of a burst
operation is communicated to the application MCU. The burst message type is most appropriate for sending
large amounts of episodic data. For example, a watch may upload data to a computer after a workout using
burst-type messages.
Pairing
In order to ensure that a slave is talking to the correct master, the slave must know the channel ID of the master.
If the channel ID is not known, the slave must attain the channel ID through a process called pairing. Pairing is
an issue that affects all wireless technologies. There are several methods available for pairing, each with its
merits and drawbacks. Ultimately, the best pairing solution is one that is most seamless to the user. ANT has
many pairing methods built in, ranging from simple to sophisticated, and allowing the designer to customize the
pairing experience for a particular application.
The simplest pairing method is for the slave to wildcard the channel ID (by explicitly setting it to 0). When the
channel ID is wildcarded, the slave connects to the first master it finds (provided it matches non-wildcarded
portions of the ID and the frequency and network number). This method is easy and relatively seamless to the
user. The user generally only must perform a UI operation on the slave device and then wait to connect to the
master. However, if the user is in a crowded environment, where several devices to pair with are available, this
method breaks down. For example, if a user is trying to pair to a heart-rate strap at a gym, the user may easily
pair to a device that is not the user
's own. Hence, a wildcard pairing method is generally suitable if pairing is
expected to happen only occasionally and in isolation.
To reduce the chances of pairing to an incorrect device in a crowded environment, ANT allows the user to put
the ANT channel into a pairing mode. This is done by setting a particular bit of the channel ID of the master
device and forcing the slave to only pair to devices that have this bit set. This method reduces the chances of
pairing to the wrong device; however, it forces the user to perform a UI operation on the slave device and on the
master device. This may not be practical both from a user point of view and from a production point of view, as
adding a button or switch may not be feasible for a particular device.
Another, more-powerful, method of pairing is to use the relative proximity of a slave device to a master device to
determine if pairing should occur. This is known as proximity pairing. ANT has a very simple interface that allows
the user to specify a proximity threshold, effectively blocking other devices that are outside of this threshold.
Once pairing has occurred, the effective transmission range is returned to normal, allowing the device to function
normally.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CC2570 CC2571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com