Electronic Components Datasheet Search
  English  ▼

X  

DAC7552 Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC7552
Description  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7552 Datasheet(HTML) 3 Page - Texas Instruments

  DAC7552 Datasheet HTML 1Page - Texas Instruments DAC7552 Datasheet HTML 2Page - Texas Instruments DAC7552 Datasheet HTML 3Page - Texas Instruments DAC7552 Datasheet HTML 4Page - Texas Instruments DAC7552 Datasheet HTML 5Page - Texas Instruments DAC7552 Datasheet HTML 6Page - Texas Instruments DAC7552 Datasheet HTML 7Page - Texas Instruments DAC7552 Datasheet HTML 8Page - Texas Instruments DAC7552 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
DAC7552
www.ti.com
SLAS442D
– JANUARY 2005 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS (continued)
VDD = 2.7 V to 5.5 V, VREF = VDD, RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications –40°C to 105°C, unless otherwise
specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
VREF
V
Output voltage settling time
RL = 2 kΩ; 0 pF < CL < 200 pF
5
µs
Slew rate
1.8
V/
µs
Capacitive load stability
RL = ∞
470
pF
RL = 2 kΩ
1000
Digital-to-analog glitch impulse
1 LSB change around major carry
0.1
nV-s
Channel-to-channel crosstalk
1-kHz full-scale sine wave,
–100
dB
outputs unloaded
Digital feedthrough
0.1
nV-s
Output noise density (10-kHz offset
120
nV/rtHz
frequency)
Total harmonic distortion
FOUT = 1 kHz, FS = 1 MSPS,
–85
dB
BW = 20 kHz
DC output impedance
1
Ω
Short-circuit current
VDD = 5 V
50
mA
VDD = 3 V
20
Power-up time
Coming out of power-down mode,
15
VDD = 5 V
µs
Coming out of power-down mode,
15
VDD = 3 V
REFERENCE INPUT
VREF Input range
0
VDD
V
Reference input impedance
VREFA and VREFB shorted together
50
k
Ω
VREFA = VREFB = VDD = 5 V,
100
250
VREFA and VREFB shorted together
Reference current
µA
VREFA = VREFB = VDD = 3 V,
60
123
VREFA and VREFB shorted together
LOGIC INPUTS(2)
Input current
±1
µA
VIN_L, Input low voltage
IOVDD ≥ 2.7 V
0.3 IOVDD
V
VIN_H, Input high voltage
IOVDD ≥ 2.7 V
0.7 IOVDD
V
Pin capacitance
3
pF
POWER REQUIREMENTS
VDD,, IOVDD
(3)
2.7
5.5
V
IDD(normal operation)
DAC active and excluding load current
VDD = 3.6 V to 5.5 V
300
440
VIH = IOVDD and VIL = GND
µA
VDD = 2.7 V to 3.6 V
250
400
IDD (all power-down modes)
VDD = 3.6 V to 5.5 V
0.2
2
VIH = IOVDD and VIL = GND
µA
VDD = 2.7 V to 3.6 V
0.05
2
POWER EFFICIENCY
IOUT/IDD
ILOAD = 2 mA, VDD = 5 V
93%
(2)
Specified by design and characterization, not production tested. For 1.8 V
< IOVDD < 2.7 V, It is recommended that
VIH = IOVDD, VIL = GND.
(3)
IOVDD operates down to 1.8 V with slightly degraded timing, as long as VIH = IOVDD and VIL = GND.
Copyright
© 2005–2011, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com