Electronic Components Datasheet Search
  English  ▼

X  

DAC7552 Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC7552
Description  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7552 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7552 Datasheet HTML 5Page - Texas Instruments DAC7552 Datasheet HTML 6Page - Texas Instruments DAC7552 Datasheet HTML 7Page - Texas Instruments DAC7552 Datasheet HTML 8Page - Texas Instruments DAC7552 Datasheet HTML 9Page - Texas Instruments DAC7552 Datasheet HTML 10Page - Texas Instruments DAC7552 Datasheet HTML 11Page - Texas Instruments DAC7552 Datasheet HTML 12Page - Texas Instruments DAC7552 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
200
250
300
350
400
−40
−10
20
50
80
110
VDD = 5.5 V,
VREF = 4.096 V
VDD = 2.7 V,
VREF = 2.5 V
All Channels Powered, No Load
TA − Free-Air Temperature − °C
200
250
300
350
400
2.7
3.1
3.4
3.8
4.1
4.5
4.8
5.2
5.5
VDD − Supply Volatge − V
All DACs Powered,
No Load,
VREF = 2.5 V
0
500
1000
1500
2000
253
264
275
286
297
308
319
330
341
IDD − Current Consumption − mA
VDD = 5.5 V,
VREF = 4.096 V
VLOGIC − Logic Input Voltage − V
0
400
800
1200
1600
0
1
2
3
4
5
TA = 255C, SCL Input
(All Other Inputs = GND)
VDD = 5.5 V,
VREF = 4.096 V
VDD = 2.7 V,
VREF = 2.5 V
DAC7552
www.ti.com
SLAS442D
– JANUARY 2005 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS (continued)
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 14.
Figure 15.
SUPPLY CURRENT
vs
LOGIC INPUT VOLTAGE
HISTOGRAM OF CURRENT CONSUMPTION - 5.5 V
Figure 16.
Figure 17.
Copyright
© 2005–2011, Texas Instruments Incorporated
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com