Electronic Components Datasheet Search
  English  ▼

X  

DAC7552 Datasheet(PDF) 12 Page - Texas Instruments

Part # DAC7552
Description  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7552 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC7552 Datasheet HTML 8Page - Texas Instruments DAC7552 Datasheet HTML 9Page - Texas Instruments DAC7552 Datasheet HTML 10Page - Texas Instruments DAC7552 Datasheet HTML 11Page - Texas Instruments DAC7552 Datasheet HTML 12Page - Texas Instruments DAC7552 Datasheet HTML 13Page - Texas Instruments DAC7552 Datasheet HTML 14Page - Texas Instruments DAC7552 Datasheet HTML 15Page - Texas Instruments DAC7552 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Time - (400 nS/Div)
Trigger Pulse
Time - (400 nS/Div)
Trigger Pulse
−100
−90
−80
−70
−60
−50
−40
0
1
2
3
4
5
6
7
8
9
10
VDD = 5 V, VREF = 4.096 V
−1 dB FSR Digital Input, Fs = 1 Msps
Measurement Bandwidth = 20 kHz
2nd Harmonic
3rd Harmonic
Output Frequency (Tone) − kHz
THD
DAC7552
SLAS442D
– JANUARY 2005 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
CHANNEL-TO-CHANNEL CROSSTALK
DIGITAL FEEDTHROUGH ERROR
FOR A FULL-SCALE SWING
Figure 26.
Figure 27.
TOTAL HARMONIC DISTORTION
vs
OUTPUT FREQUENCY
Figure 28.
12
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com