Electronic Components Datasheet Search
  English  ▼

X  

DAC7552 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC7552
Description  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7552 Datasheet(HTML) 4 Page - Texas Instruments

  DAC7552 Datasheet HTML 1Page - Texas Instruments DAC7552 Datasheet HTML 2Page - Texas Instruments DAC7552 Datasheet HTML 3Page - Texas Instruments DAC7552 Datasheet HTML 4Page - Texas Instruments DAC7552 Datasheet HTML 5Page - Texas Instruments DAC7552 Datasheet HTML 6Page - Texas Instruments DAC7552 Datasheet HTML 7Page - Texas Instruments DAC7552 Datasheet HTML 8Page - Texas Instruments DAC7552 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SCLK
SYNC
SDIN
D15
D14
D13
D12
D11
D1
D0
D15
t8
t4
t3
t2
t1
t7
t6
t5
D0
t9
Input Word n
Input Word n+1
Undefined
D15
D14
D0
Input Word n
t10
SDO
CLR
DAC7552
SLAS442D
– JANUARY 2005 – REVISED JUNE 2011
www.ti.com
TIMING CHARACTERISTICS
(1) (2)
VDD = 2.7 V to 5.5 V, RL = 2 kΩ to GND; all specifications –40°C to 105°C, unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 2.7 V to 3.6 V
20
t1
(3)
SCLK cycle time
ns
VDD = 3.6 V to 5.5 V
20
VDD = 2.7 V to 3.6 V
10
t2
SCLK HIGH time
ns
VDD = 3.6 V to 5.5 V
10
VDD = 2.7 V to 3.6 V
10
t3
SCLK LOW time
ns
VDD = 3.6 V to 5.5 V
10
VDD = 2.7 V to 3.6 V
4
SYNC falling edge to SCLK falling edge setup
t4
ns
time
VDD = 3.6 V to 5.5 V
4
VDD = 2.7 V to 3.6 V
5
t5
Data setup time
ns
VDD = 3.6 V to 5.5 V
5
VDD = 2.7 V to 3.6 V
4.5
t6
Data hold time
ns
VDD = 3.6 V to 5.5 V
4.5
VDD = 2.7 V to 3.6 V
0
t7
SCLK falling edge to SYNC rising edge
ns
VDD = 3.6 V to 5.5 V
0
VDD = 2.7 V to 3.6 V
20
t8
Minimum SYNC HIGH time
ns
VDD = 3.6 V to 5.5 V
20
VDD = 2.7 V to 3.6 V
10
t9
SCLK falling edge to SDO valid
ns
VDD = 3.6 V to 5.5 V
10
VDD = 2.7 V to 3.6 V
10
t10
CLR pulse width low
ns
VDD = 3.6 V to 5.5 V
10
(1)
All input signals are specified with tR = tF = 1 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See Serial Write Operation timing diagram Figure 1.
(3)
Maximum SCLK frequency is 50 MHz at VDD = 2.7 V to 5.5 V.
Figure 1. Serial Write Operation
4
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com