Electronic Components Datasheet Search
  English  ▼

X  

LM8261 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM8261
Description  DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8261 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM8261 Datasheet HTML 13Page - Texas Instruments LM8261 Datasheet HTML 14Page - Texas Instruments LM8261 Datasheet HTML 15Page - Texas Instruments LM8261 Datasheet HTML 16Page - Texas Instruments LM8261 Datasheet HTML 17Page - Texas Instruments LM8261 Datasheet HTML 18Page - Texas Instruments LM8261 Datasheet HTML 19Page - Texas Instruments LM8261 Datasheet HTML 20Page - Texas Instruments LM8261 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
ADSP-2101/
ADSP2103
DAC084S085
TFS
DT
SCLK
DIN
SCLK
SYNC
MSB
A1
A0 OP1 OP0 D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
DATA BITS
0 0 Write to specified register but do not update outputs.
0 1 Write to specified register and update outputs.
1 0 Write to all registers and update outputs.
1 1 Power-down outputs.
LSB
0 0 DAC A
0 1 DAC B
1 0 DAC C
1 1 DAC D
17
DAC084S085
www.ti.com
SNAS363F – MAY 2006 – REVISED MARCH 2016
Product Folder Links: DAC084S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Programming (continued)
8.5.2 Input Shift Register
The input shift register, Figure 30, has 16 bits. The first two bits are address bits. They determine whether the
register data is for DAC A, DAC B, DAC C, or DAC D. The address bits are followed by two bits that determine
the mode of operation (writing to a DAC register without updating the outputs of all four DACs, writing to a DAC
register and updating the outputs of all four DACs, writing to the register of all four DACs and updating their
outputs, or powering down all four outputs). The final twelve bits of the shift register are the data bits. The data
format is straight binary (MSB first, LSB last), with all 0s corresponding to an output of 0 V and all 1s
corresponding to a full-scale output of VREFIN – 1 LSB. The contents of the serial input register are transferred to
the DAC register on the sixteenth falling edge of SCLK. See Figure 1.
Figure 30. Input Register Contents
Normally, the SYNC line is kept low for at least 16 falling edges of SCLK and the DAC is updated on the 16th
SCLK falling edge. However, if SYNC is brought high before the 16th falling edge, the data transfer to the shift
register is aborted and the write sequence is invalid. Under this condition, the DAC register is not updated and
there is no change in the mode of operation or in the DAC output voltages.
8.5.3 DSP and Microprocessor Interfacing
Interfacing the DAC084S085 to microprocessors and DSPs is quite simple.
8.5.3.1 ADSP-2101 and ADSP2103 Interfacing
Figure 31 shows a serial interface between the DAC084S085 and the ADSP-2101 or ADSP2103. The DSP must
be set to operate in the SPORT Transmit Alternate Framing Mode. It is programmed through the SPORT control
register and must be configured for Internal Clock Operation, Active Low Framing and 16-bit Word Length.
Transmission is started by writing a word to the Tx register after the SPORT mode has been enabled.
Figure 31. ADSP-2101 and 2103 Interface
8.5.3.2 80C51 and 80L51 Interface
Figure 32 shows a serial interface between the DAC084S085 and the 80C51 or 80L51 microcontroller. The
SYNC signal comes from a bit-programmable pin on the microcontroller. The example shown here uses port line
P3.3. This line is taken low when data is transmitted to the DAC084S085. Because the 80C51 and 80L51
transmits 8-bit bytes, only eight falling clock edges occur in the transmit cycle. To load data into the DAC, the
P3.3 line must be left low after the first eight bits are transmitted. A second write cycle is initiated to transmit the
second byte of data, after which port line P3.3 is brought high. The 80C51 and 80L51 transmit routine must
recognize that the 80C51 and 80L51 transmits data with the LSB first while the DAC084S085 requires data with
the MSB first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com