Electronic Components Datasheet Search
  English  ▼

X  

LM8261 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM8261
Description  DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8261 Datasheet(HTML) 1 Page - Texas Instruments

  LM8261 Datasheet HTML 1Page - Texas Instruments LM8261 Datasheet HTML 2Page - Texas Instruments LM8261 Datasheet HTML 3Page - Texas Instruments LM8261 Datasheet HTML 4Page - Texas Instruments LM8261 Datasheet HTML 5Page - Texas Instruments LM8261 Datasheet HTML 6Page - Texas Instruments LM8261 Datasheet HTML 7Page - Texas Instruments LM8261 Datasheet HTML 8Page - Texas Instruments LM8261 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC084S085
SNAS363F – MAY 2006 – REVISED MARCH 2016
DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
1
1 Features
1
•
Ensured Monotonicity
•
Low-Power Operation
•
Rail-to-Rail Voltage Output
•
Power-On Reset to 0 V
•
Simultaneous Output Updating
•
Wide Power Supply Range (2.7 V to 5.5 V)
•
Industry's Smallest Package
•
Power Down Modes
•
Key Specifications
–
Resolution: 8 Bits
–
INL: ±0.5 LSB (Maximum)
–
DNL: +0.18 /
−0.13 LSB (Maximum)
–
Setting Time: 4.5 µs (Maximum)
–
Zero Code Error: +15 mV (Maximum)
–
Full-Scale Error:
−0.75 %FS (Maximum)
–
Supply Power:
–
Normal: 1.1 mW (3 V) / 2.5 mW (5 V)
Typical
–
Power Down: 0.3 µW (3 V) / 0.8 µW (5 V)
Typical
2 Applications
•
Battery-Powered Instruments
•
Digital Gain and Offset Adjustment
•
Programmable Voltage and Current Sources
•
Programmable Attenuators
3 Description
The DAC084S085 is a full-featured, general-purpose
QUAD 8-bit voltage-output digital-to-analog converter
(DAC) that can operate from a single 2.7-V to 5.5-V
supply and consumes 1.1 mW at 3 V and 2.5 mW at
5 V. The DAC084S085 is packaged in 10-pin SON
and VSSOP packages. The 10-pin SON package
makes the DAC084S085 the smallest QUAD DAC in
its class. The on-chip output amplifier allows rail-to-
rail output swing and the three wire serial interface
operates at clock rates up to 40 MHz over the entire
supply voltage range. Competitive devices are limited
to 25-MHz clock rates at supply voltages in the 2.7-V
to 3.6-V range. The serial interface is compatible with
standard
SPI,
QSPI,
MICROWIRE,
and
DSP
interfaces.
The reference for the DAC084S085 serves all four
channels and can vary in voltage between 1 V and
VA, providing the widest possible output dynamic
range. The DAC084S085 has a 16-bit input shift
register that controls the outputs to be updated, the
mode of operation, the power-down condition, and
the binary input data. All four outputs can be updated
simultaneously or individually depending on the
setting of the two mode of operation bits.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DAC084S085
VSSOP (10)
3.00 mm × 3.00 mm
WSON (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DNL vs Code at VA = 3 V


Similar Part No. - LM8261

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8261 NSC-LM8261 Datasheet
915Kb / 19P
RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
logo
Texas Instruments
LM8261 TI-LM8261 Datasheet
1Mb / 28P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
LM8261 TI-LM8261 Datasheet
1Mb / 29P
LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
LM8261 TI2-LM8261 Datasheet
1Mb / 31P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
REVISED FEBRUARY 2013
LM8261 TI2-LM8261 Datasheet
1Mb / 33P
DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
REVISED JUNE 2016
More results

Similar Description - LM8261

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 TI1-DAC084S085_16 Datasheet
1Mb / 33P
DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com