Electronic Components Datasheet Search
  English  ▼

X  

LM8261 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM8261
Description  DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8261 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM8261 Datasheet HTML 3Page - Texas Instruments LM8261 Datasheet HTML 4Page - Texas Instruments LM8261 Datasheet HTML 5Page - Texas Instruments LM8261 Datasheet HTML 6Page - Texas Instruments LM8261 Datasheet HTML 7Page - Texas Instruments LM8261 Datasheet HTML 8Page - Texas Instruments LM8261 Datasheet HTML 9Page - Texas Instruments LM8261 Datasheet HTML 10Page - Texas Instruments LM8261 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
DAC084S085
www.ti.com
SNAS363F – MAY 2006 – REVISED MARCH 2016
Product Folder Links: DAC084S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
The following specifications apply for VA = 2.7 V to 5.5 V, VREFIN = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input code range
3 to 252. All limits are at TA = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(1)
MAX(1)
UNIT
PPD
Power-down supply power
(output unloaded, SYNC = DIN
= 0 V after PD mode loaded)
All PD Modes(2)
VA = 2.7 V
to 3.6 V
TA = 25°C
0.3
µW
TMIN ≤ TA ≤ TMAX
3.6
VA = 4.5 V
to 5.5 V
TA = 25°C
0.8
µW
TMIN ≤ TA ≤ TMAX
5.5
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are specified to AOQL (Average Outgoing
Quality Level).
(2)
This parameter is specified by design and/or characterization and is not tested in production.
7.6 Timing Requirements
Values shown in this table are design targets and are subject to change before product release.
The following specifications apply for VA = 2.7 V to 5.5 V, VREFIN = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input code range
3 to 252. All limits are at TA = 25°C, unless otherwise specified.
MIN(1)
TYP(1)
MAX(1)
UNIT
fSCLK
SCLK frequency
TA = 25°C
40
MHz
TMIN ≤ TA ≤ TMAX
30
ts
Output voltage settling time(2)
40h to C0h code change
RL = 2 kΩ, CL = 200 pF
TA = 25°C
3
µs
TMIN ≤ TA ≤ TMAX
4.5
SR
Output slew rate
1
V/µs
Glitch impulse
Code change from 80h to 7Fh
12
nV-sec
Digital feedthrough
0.5
nV-sec
Digital crosstalk
1
nV-sec
DAC-to-DAC crosstalk
3
nV-sec
Multiplying bandwidth
VREFIN = 2.5 V ± 0.1 Vpp
160
kHz
Total harmonic distortion
VREFIN = 2.5 V ± 0.1 Vpp
input frequency = 10 kHz
70
dB
tWU
Wake-up time
VA = 3 V
6
µsec
VA = 5 V
39
µsec
1/fSCLK
SCLK cycle time
TA = 25°C
25
ns
TMIN ≤ TA ≤ TMAX
33
tCH
SCLK high time
TA = 25°C
7
ns
TMIN ≤ TA ≤ TMAX
10
tCL
SCLK low Time
TA = 25°C
7
ns
TMIN ≤ TA ≤ TMAX
10
tSS
SYNC set-up time prior to SCLK
falling edge
TA = 25°C
4
ns
TMIN ≤ TA ≤ TMAX
10
tDS
Data set-up time prior to SCLK falling
edge
TA = 25°C
1.5
ns
TMIN ≤ TA ≤ TMAX
3.5
tDH
Data hold time after SCLK falling
edge
TA = 25°C
1.5
ns
TMIN ≤ TA ≤ TMAX
3.5
tCFSR
SCLK fall prior to rise of SYNC
TA = 25°C
0
ns
TMIN ≤ TA ≤ TMAX
3
tSYNC
SYNC high time
TA = 25°C
6
ns
TMIN ≤ TA ≤ TMAX
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com