Electronic Components Datasheet Search
  English  ▼

X  

LM8261 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM8261
Description  DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8261 Datasheet(HTML) 4 Page - Texas Instruments

  LM8261 Datasheet HTML 1Page - Texas Instruments LM8261 Datasheet HTML 2Page - Texas Instruments LM8261 Datasheet HTML 3Page - Texas Instruments LM8261 Datasheet HTML 4Page - Texas Instruments LM8261 Datasheet HTML 5Page - Texas Instruments LM8261 Datasheet HTML 6Page - Texas Instruments LM8261 Datasheet HTML 7Page - Texas Instruments LM8261 Datasheet HTML 8Page - Texas Instruments LM8261 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
I/O
GND
TO INTERNAL
CIRCUITRY
4
DAC084S085
SNAS363F – MAY 2006 – REVISED MARCH 2016
www.ti.com
Product Folder Links: DAC084S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are measured with respect to GND = 0 V, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Semiconductor Sales Office/Distributors for
availability and specifications.
(4)
When the input voltage at any pin exceeds 5.5 V or is less than GND, the current at that pin must be limited to 10 mA. The 20 mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of
10 mA to two.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA) / θJA. The values for maximum power dissipation is reached only when the device is operated in a severe fault
condition (that is, when input or output pins are driven beyond the operating ratings, or the power supply polarity is reversed).
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2) (3)
MIN
MAX
UNIT
Supply voltage, VA
6.5
V
Voltage on any input pin
−0.3
6.5
V
Input current at any pin(4)
10
mA
Package input current(4)
20
mA
Power consumption at TA = 25°C
See(5)
Junction temperature
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Human body model is 100-pF capacitor discharged through a 1.5-k
Ω resistor. Machine model is 220 pF discharged through 0 Ω.
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(3)
±250
(1)
All voltages are measured with respect to GND = 0 V, unless otherwise specified.
(2)
The inputs are protected as shown below. Input voltage magnitudes up to 5.5 V, regardless of VA, does not cause errors in the
conversion result. For example, if VA is 3 V, the digital input pins can be driven with a 5-V logic device.
7.3 Recommended Operating Conditions
See
(1)
MIN
MAX
UNIT
Operating temperature
−40
105
°C
Supply voltage, VA
2.7
5.5
V
Reference voltage, VREFIN
1
VA
V
Digital input voltage (2)
0
5.5
V
Output load
0
1500
pF
SCLK frequency
40
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com